Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1001-AFZQ-TR Datasheet(PDF) 13 Page - Microchip Technology

Part # EMC1001-AFZQ-TR
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001-AFZQ-TR Datasheet(HTML) 13 Page - Microchip Technology

Back Button EMC1001-AFZQ-TR Datasheet HTML 9Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 10Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 11Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 12Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 13Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 14Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 15Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 16Page - Microchip Technology EMC1001-AFZQ-TR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 13
EMC1001
4.7
Status Register
The Status register is a read-only register that stores
the operational status of the part. When either TLOW or
THIGH are set (TA  low limit or TA > high limit) and the
ALERT/THERM2
pin
is
not
masked,
the
ALERT/THERM2 pin will assert. See Section 4.3
“ALERT/THERM2 Output” for more details on the
ALERT function.
Each bit is cleared individually when the Status register
is read, provided that the error condition for that bit no
longer exists. The ALERT/THERM2 output is latched
and will not be reset until the host has responded with
an alert response address (ARA = 0001 100). The
ALERT/THERM2 output will not reset if the Status
register has not been cleared.
REGISTER 4-1:
STATUS REGISTER
RC-0
RC-0
RC-0
U-0
U-0
U-0
U-0
RC-0
BUSY
THIGH
TLOW
—
—
—
—
THRM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
RC = Read then Clear
bit 7
BUSY: ADC is busy converting a value
1
= ADC is converting
0
= ADC is not converting
bit 6
THIGH: Temperature High Limit bit
1
= Temperature High Limit is exceeded
0
= Temperature High Limit is within the limits
bit 5
TLOW: Temperature Low Limit bit
1
= Temperature Low Limit is exceeded
0
= Temperature Low Limit is within the limits
bit 3-1
Reserved: Unimplemented bit, read as ‘0’.
bit 0
THRM: THERM limit bit
1
= THERM limit is exceeded, ADDR/THERM output will be asserted
0
= THERM limit is in the limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com