Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS6200 Datasheet(PDF) 7 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 7 Page - ams AG

Back Button AS6200 Datasheet HTML 3Page - ams AG AS6200 Datasheet HTML 4Page - ams AG AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG AS6200 Datasheet HTML 10Page - ams AG AS6200 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ams Datasheet
Page 7
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
The AS6200 is a complete sensor system that has an integrated
temperature sensing element, the analog frontend, the A/D
converter and the digital signal processing part.
The digital signal processing part consists of the signal
processor, the registers and the serial bus interface.
For block diagram please refer to Figure 3.
In Figure 8 an overview of the analog system parameters is
given.
The current consumption with fewer conversions per second is
lower than the values mentioned in Figure 8.
Digital System Parameters
The device contains the following data registers as depicted in
the following figure:
Figure 9:
Register Map with Serial Interface
With the use of the index register, it is possible to address the
specific data register. The index register is an 8 bit register,
where only bits 0 and 1 are used as shown in Figure 10 and all
other bits are set to 0 and read only.
Figure 10:
Index Register
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
000000
Address Bits
Detailed Descriptions
TVAL (Read Only)
CONFIG (Read/Write)
TLOW (Read/Write)
THIGH (Read/Write)
INDEX (Read/Write)
Serial Interface
0x0
0x1
0x2
0x3
SCLK
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com