Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL2K4-G Datasheet(PDF) 3 Page - Microchip Technology

Part # CL2K4-G
Description  Simple 90V, 20mA, Temperature Compensated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL2K4-G Datasheet(HTML) 3 Page - Microchip Technology

  CL2K4-G Datasheet HTML 1Page - Microchip Technology CL2K4-G Datasheet HTML 2Page - Microchip Technology CL2K4-G Datasheet HTML 3Page - Microchip Technology CL2K4-G Datasheet HTML 4Page - Microchip Technology CL2K4-G Datasheet HTML 5Page - Microchip Technology CL2K4-G Datasheet HTML 6Page - Microchip Technology CL2K4-G Datasheet HTML 7Page - Microchip Technology CL2K4-G Datasheet HTML 8Page - Microchip Technology CL2K4-G Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005448A-page 3
CL2
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Operating voltage, VA-B........................................................................................................................................... 100V
Operating junction temperature, Tj........................................................................................................... -40 to +125 °C
Storage Temperature, Ts .......................................................................................................................... -55 to +150 °C
Note 1: Mounted on FR4 board, 25mm x 25mm x 1.57 mm
Note 1: Mounted on FR4 board, 25mm x 25mm x 1.57 mm
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC AND AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, for all specifications TA = +25°C
Parameter
Symbol
Min
Typ
Max
Units Conditions
Operating voltage
VA-B
5.0
-
90
V
---
Current regulation
IA-B
18.0
20
22
mA
VA-B= 5.0V - 90V
IA-B temperature coefficient
∆IA-B/∆T
-
0.01
-
%/°C VA-B= 45V, Tj= -40°C to +100°C
Operating junction temperature
Tj
-40
-
125
°C
---
Dynamic resistance
RA-B
-300
-
kΩ
---
TEMPERATURE SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units Conditions
Temperature Ranges
Operating Junction Temperature
Tj
-40
–
125
°C
Storage Temperature
Ts
-55
–
150
°C
Package Thermal Resistances
Thermal Resistance, TO-92
θja
–
132
–
°C/W
Thermal Resistance, TO-252
θja
–81
–
°C/W Note 1
Thermal Resistance, TO-243AA
θja
–
133
–
°C/W Note 1
TABLE 1-1:
THERMAL CHARACTERISTICS
Package
Power Dissipation
@TA = 2.5°C (W)
Conditions
TO-92
0.6
TO-252
2.0
Note 1
TO-243AA
1.3
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com