Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL2N8-G Datasheet(PDF) 6 Page - Microchip Technology

Part # CL2N8-G
Description  Simple 90V, 20mA, Temperature Compensated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL2N8-G Datasheet(HTML) 6 Page - Microchip Technology

Back Button CL2N8-G Datasheet HTML 2Page - Microchip Technology CL2N8-G Datasheet HTML 3Page - Microchip Technology CL2N8-G Datasheet HTML 4Page - Microchip Technology CL2N8-G Datasheet HTML 5Page - Microchip Technology CL2N8-G Datasheet HTML 6Page - Microchip Technology CL2N8-G Datasheet HTML 7Page - Microchip Technology CL2N8-G Datasheet HTML 8Page - Microchip Technology CL2N8-G Datasheet HTML 9Page - Microchip Technology CL2N8-G Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CL2
DS20005448A-page 6
 2015 Microchip Technology Inc.
FIGURE 3-3:
Output Current vs Voltage
FIGURE 3-4:
CL2 for Multiple LED Strings
0
5
10
15
20
25
0
10
203040
506070
80
90
100
V
A-B
VB
VA
CL2
Up to 90V
+V
LED(total)
VB
VA
VB
VA
VB
VA
+
+V
LED(total)
-
100nF
I
LED
~20mA
I
LED
~20mA
I
LED
~20mA
I
LED
~20mA
CL2
CL2
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com