Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCT475AFCT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCT475AFCT2G
Description  Industry Standard Digital Temperature Sensor in CSP Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCT475AFCT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCT475AFCT2G Datasheet HTML 1Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 2Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 3Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 4Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 5Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 6Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 7Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 8Page - ON Semiconductor NCT475AFCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCT475
www.onsemi.com
4
SCL
SDA
STOP START
STOP
START
Figure 3. Serial Interface Timing
tBUF
tSU;STA
tHD;STA
tSU;STO
tSU;DAT
tHD;DAT
tHD;STA
tF
tR
tHIGH
tLOW
ELECTRICAL CHARACTERISTICS (TA = TMIN to TMAX, VDD = 3.0 V to 5.5 V. All specifications for −55°C to +125°C, unless
otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
TEMPERATURE SENSOR AND ADC
Accuracy at VDD = 3.0 V to 5.5 V
TA = 0°C to +70°C
TA = −25°C to +100°C
TA = −55°C to +125°C
−
−
−
−
−
−
±1
±2
±3
°C
ADC Resolution
−
12
−
Bits
Temperature Resolution
−
0.0625
−
°C
Temperature Conversion Time
One Shot Mode
−
48.5
−
ms
Update Rate
−
80
−
ms
POWER REQUIREMENTS
Supply Voltage
3.0
−
5.5
V
POR Threhold
2.75
−
−
V
Supply Current
Peak current while converting and I2C
interface inactive
−
−
0.8
mA
Average Current
Average current over 1 conversion
cycle
−
0.44
0.575
mA
Shutdown Mode at 3.3 V
Supply current in shutdown mode
−
3
12
mA
OS/ALERT OUTPUT (OPEN DRAIN)
Output Low Voltage, VOL
IOL = 4 mA
−
0.15
0.4
V
Pin Capacitance
−
10
−
pF
High Output Leakage Current, IOH
OS/ALERT pin pulled up to 5.5 V
−
0.1
5
mA
DIGITAL INPUTS
Input Current
VIN = 0 V to VDD
−
−
1
mA
Input Low Voltage, VIL
−
−
0.3 x
VDD
V
Input High Voltage, VIH
0.7 x
VDD
−
−
V
SCL, SDA Glitch Rejection
Input filtering suppresses noise spikes
of less than 50 ns
−
−
50
ns
Pin Capacitance
−
3
−
pF
DIGITAL OUTPUT (OPEN DRAIN)
Output High Current, IOH
VOH = 5 V
−
−
1
mA
Output Low Voltage, VOL
IOL = 3 mA
−
−
0.4
V
Output Capacitance, COUT
−
3
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com