Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVO75-48S2V5P-4 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AVO75-48S2V5P-4
Description  Total Power: 75 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO75-48S2V5P-4 Datasheet(HTML) 1 Page - Artesyn Technologies

  AVO75-48S2V5P-4 Datasheet HTML 1Page - Artesyn Technologies AVO75-48S2V5P-4 Datasheet HTML 2Page - Artesyn Technologies AVO75-48S2V5P-4 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AVO75 Series
75 Watts
Total Power: 75 Watts
Input Voltage: 36 - 75 V
# of Outputs: Single
Special featureS
ƒ
2:1 Wide input range
ƒ
Optimised for high
density, small space
applications
ƒ
Low ripple and noise
ƒ
Fixed switching frequency
ƒ
High efficiency
ƒ
High capacitive load capability
ƒ
Basic insulation system
ƒ
Pre-bias start-up capability
ƒ
Open-frame structure
Safety
ƒ
UL, cUL: UL60950
ƒ
TUV/CE: IEC/EN60950
Electrical Specifications
Input
Input range:
36 - 75 VDC
Efficiency2:
91% @ 12V
Output
Voltage tolerance:
+/-1.2% to +/-1.6%
Line regulation:
5V: 4mV; 12V: 9mV; Others: 1mV
Load regulation:
5V and 12V: 5mV; Others: 1mV
Noise/ripple:
3.3 Vo: 1.2V, 2.5V, 3.3V: 50mV; 5V,
5.0 Vo: 12V: 55mV; 1.8V: 45mV
Over voltage protection:
Over temperature protection:
Auto-restart
Switching frequency:
310 KHz
Temperature coefficient:
±0.02/°C
Isolation
I/O isolation:
2000 VDC min.
Data Sheet
Environmental Specifications
Operating ambient temperature range: -40 °C to +85 °C
Storage temperature:
-55 °C to +125 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
2.5 Million hours
RoHS Compliant


Similar Part No. - AVO75-48S2V5P-4

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO75-48S2V5P-4 ARTESYN-AVO75-48S2V5P-4 Datasheet
1Mb / 3P
Fixed switching frequency
More results

Similar Description - AVO75-48S2V5P-4

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIQ00ZPFC-01NL ARTESYN-AIQ00ZPFC-01NL Datasheet
464Kb / 3P
Total Power: 75 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
AVD75-48S3V3-6L ARTESYN-AVD75-48S3V3-6L Datasheet
1Mb / 3P
Total Power: 75 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
Total Power: 75 W
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com