Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25LP080D-JTLE1 Datasheet(PDF) 15 Page - Integrated Silicon Solution, Inc

Part # IS25LP080D-JTLE1
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP080D-JTLE1 Datasheet(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS25LP080D-JTLE1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP080D-JTLE1 Datasheet HTML 19Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
IS25LP080D
IS25WP080D/040D/020D
Integrated Silicon Solution, Inc.- www.issi.com
15
Rev. A
09/02/2016
Table 6.4 Block (64Kbyte) assignment by Block Write Protect (BP) Bits
Status Register Bits
Protected Memory Area
BP3
BP2
BP1
BP0
8 Mbit
4 Mbit(1)
2 Mbit(1)
0
0
0
0
None
None
None
0
0
0
1
1 block : 15
1 block : 7
1 block : 3
0
0
1
0
2 blocks : 14 - 15
2 blocks : 6 - 7
2 blocks : 2 - 3
0
0
1
1
4 blocks : 12 - 15
4 blocks : 4 - 7
All Blocks
0
1
0
0
8 blocks : 8 - 15
All Blocks
0
1
0
1
All Blocks
0
1
1
0
0
1
1
1
1
0
0
0
1
0
0
1
1
0
1
0
1
0
1
1
8 blocks : 0 - 7
1
1
0
0
4 blocks : 0 - 3
4 blocks : 0 - 3
1
1
0
1
2 blocks : 0 - 1
2 blocks : 0 - 1
2 blocks : 0 - 1
1
1
1
0
1 block : 0
1 block : 0
1 block : 0
1
1
1
1
None
None
None
Note:
1. 4Mb/2Mb will be available only for 1.8V device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com