Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV431ALPRAG Datasheet(PDF) 13 Page - ON Semiconductor

Part # TLV431ALPRAG
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431ALPRAG Datasheet(HTML) 13 Page - ON Semiconductor

Back Button TLV431ALPRAG Datasheet HTML 9Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 10Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 11Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 12Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 13Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 14Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 15Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 16Page - ON Semiconductor TLV431ALPRAG Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLV431A, TLV431B, TLV431C, SCV431B, NCV431
www.onsemi.com
13
Figure 31. Isolated Output Line Powered Switching Power Supply
The above circuit shows the TLV431A/B/C as a compensated amplifier controlling the feedback loop of an isolated output line
powered switching regulator. The output voltage is programmed to 3.3 V by the resistors values selected for R1 and R2. The
minimum output voltage that can be programmed with this circuit is 2.64 V, and is limited by the sum of the reference voltage
(1.24 V) and the forward drop of the optocoupler light emitting diode (1.4 V). Capacitor C1 provides loop compensation.
Gate Drive
VCC
Controller
VFB
GND
Current
Sense
DC Output
3.3 V
R1
3.0 k
R2
1.8 k
100
AC Input
C1
0.1
mF
Anode
Reference
NC
NC
Cathode
5
4
1
2
3
TLV43
1XXX
ALYWW
G
G
PIN CONNECTIONS AND DEVICE MARKING
(Top View)
12
3
Cathode
Anode
Reference 1
2
3
(Top View)
XXX
= Specific Device Code
A
= Assembly Location
Y
= Year
L
= Wafer Lot
WW, W = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
1. Reference
2. Anode
3. Cathode
TO−92
TSOP−5
SOT−23−3
XXX
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com