Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM2901 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2901
Description  STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2901 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM2901 Datasheet HTML 13Page - Texas Instruments PCM2901 Datasheet HTML 14Page - Texas Instruments PCM2901 Datasheet HTML 15Page - Texas Instruments PCM2901 Datasheet HTML 16Page - Texas Instruments PCM2901 Datasheet HTML 17Page - Texas Instruments PCM2901 Datasheet HTML 18Page - Texas Instruments PCM2901 Datasheet HTML 19Page - Texas Instruments PCM2901 Datasheet HTML 20Page - Texas Instruments PCM2901 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PCM2901
PCM2903
SLES034B − MARCH 2002 − REVISED JUNE 2004
www.ti.com
17
ADC DIGITAL DECIMATION FILTER FREQUENCY RESPONSE
OVERALL CHARACTERISTIC
−160
−140
−120
−100
−80
−60
−40
−20
0
0
8
16
24
32
Frequency [
y fS]
Figure 19
Frequency [
y fS]
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.0
0.2
0.4
0.6
0.8
1.0
STOP-BAND ATTENUATION
Figure 20
Figure 21
Frequency [
y fS]
−0.8
−0.6
−0.4
−0.2
−0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
PASS-BAND RIPPLE
0.0
Figure 22
Frequency [
y fS]
−20
−16
−12
−8
−4
0
0.46
0.48
0.50
0.52
0.54
TRANSITION-BAND RESPONSE
All specifications at TA = 25°C, VDD = VCCC = VCCP1= VCCP2 = VCCx = 3.3 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com