Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MXG_SERIES Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MXG_SERIES
Description  SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MXG_SERIES Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MXG_SERIES Datasheet HTML 1Page - RUBYCON CORPORATION MXG_SERIES Datasheet HTML 2Page - RUBYCON CORPORATION MXG_SERIES Datasheet HTML 3Page - RUBYCON CORPORATION MXG_SERIES Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
MXG
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz, 105℃)
◆STANDARD SIZE
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
50
63
20×25
20×30
20×35
20×40
20×45
1.60
1.73
1.97
2.22
2.43
22×25
22×30
22×35
22×40
22×45
22×50
1.73
1.97
2.22
2.43
2.75
3.30
25×25
25×30
25×35
25×40
25×45
25×50
2.22
2.43
2.75
3.30
3.60
4.05
30×25
30×30
30×35
30×40
30×45
30×50
2.75
3.30
3.60
4.05
4.56
4.77
35×25
35×30
35×30
35×35
35×40
3.30
3.60
4.05
4.56
4.77
20×25
20×30
20×35
1.47
1.58
1.82
22×30
22×35
22×40
22×45
2.11
2.33
2.55
2.97
25×25
25×30
25×30
25×35
25×40
25×45
2.11
2.33
2.55
2.97
3.22
3.65
30×25
30×30
30×30
30×35
30×40
30×45
2.55
2.97
3.22
3.65
4.04
4.48
35×25
35×30
35×35
35×40
35×45
35×50
3.22
3.65
4.04
4.48
4.75
5.25
Vdc
Cap
(μF)
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
10
16
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
Vdc
Cap
(μF)
φD
Vdc
Cap
(μF)
φD
Vdc
Cap
(μF)
φD
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
25
35
20×25
20×30
20×30
20×35
20×40
20×25
20×30
20×35
20×40
22×25
22×30
22×35
22×40
22×45
22×50
22×25
22×30
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×30
30×35
30×40
30×45
35×30
35×35
35×40
35×45
30×25
30×30
30×30
30×35
30×40
30×45
30×50
35×30
35×35
35×40
35×45
35×50
20×25
20×30
20×35
20×40
20×25
20×30
20×30
20×35
20×40
22×25
22×30
22×30
22×35
22×40
22×45
22×25
22×30
22×35
22×40
22×45
22×50
25×25
25×30
25×30
25×35
25×40
25×50
25×25
25×30
25×35
25×40
25×45
25×50
30×25
30×30
30×30
30×35
30×40
30×50
35×30
35×35
35×40
35×45
35×50
30×25
30×30
30×35
30×40
30×45
30×50
35×30
35×35
35×35
35×40
35×50
1.31
1.59
1.88
2.18
2.27
1.77
2.10
2.23
2.41
2.58
3.17
1.80
2.08
2.15
2.31
2.08
2.15
2.31
2.68
3.20
3.36
3.85
25×25
25×30
25×30
25×35
25×40
25×45
1.94
2.10
2.34
2.54
3.07
3.39
2.31
2.68
3.20
3.36
3.85
4.30
4.81
2.25
2.50
2.95
3.33
3.70
4.22
3.20
3.36
3.85
4.30
4.81
5.53
6.00
3.21
3.68
4.16
5.00
4.30
4.81
5.53
6.00
6.40
1.65
1.85
2.11
2.34
1.85
2.11
2.34
2.65
2.81
3.13
2.34
2.65
2.81
3.13
3.56
4.04
1.29
1.57
1.78
2.02
2.13
1.78
2.02
2.13
2.41
2.85
3.05
2.13
2.41
2.85
3.05
3.37
3.72
2.81
3.13
3.56
4.04
4.74
5.50
4.04
4.74
5.50
5.80
6.30
2.85
3.05
3.37
3.72
4.37
4.92
3.37
3.72
4.37
4.92
5.30
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
φ20
φ22
φ25
φ30
φ35
φ20
φ22
φ25
φ30
φ35
80
100
20×25
20×30
20×30
20×35
20×40
1.24
1.44
1.59
1.79
2.03
22×25
22×30
22×30
22×35
22×40
22×50
1.44
1.59
1.79
2.03
2.39
2.64
25×25
25×30
25×35
25×40
25×45
25×50
1.79
2.03
2.39
2.64
2.97
3.38
30×25
30×30
30×30
30×35
30×40
30×50
2.39
2.64
2.97
3.38
3.80
4.10
35×25
35×30
35×30
35×35
35×40
35×45
2.64
2.97
3.38
3.80
4.10
4.30
20×25
20×30
20×30
20×35
1.15
1.32
1.47
1.69
22×25
22×30
22×30
22×35
22×40
1.32
1.47
1.69
1.98
2.23
25×25
25×30
25×35
25×40
25×45
25×50
1.69
1.98
2.23
2.55
2.89
3.30
30×25
30×30
30×35
30×40
30×45
30×50
2.23
2.55
2.89
3.30
3.67
3.80
35×25
35×30
35×35
35×35
35×40
35×45
2.55
2.89
3.30
3.67
3.80
4.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com