| Electronic Components Datasheet Search |
|
PCM2901E/2K Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM2901E/2K Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 33 page ![]() PCM2901 PCM2903 SLES034B − MARCH 2002 − REVISED JUNE 2004 www.ti.com 31 APPLICATION INFORMATION OPERATING ENVIRONMENT To get the appropriate operation, one of the following operating systems must be working on the host PC that has the USB port assured by the manufacturer. If the condition is fulfilled, the operation of the PCM2901/2903 does not depend on the operating speed of the CPU. Texas Instruments has confirmed following operating environments. D Operating System − Microsoft Windows 98/98SE/Me Japanese/English Edition − Microsoft Windows 2000 Professional Japanese/English Edition − Microsoft Windows XP Home/Professional Japanese/English Edition (For Windows XP, use the latest version of the USB audio driver that is available on Windows update site) − Apple Computer Mac OS 9.1 or later Japanese/English Edition − Apple Computer Mac OS X 10.0 or later English Edition − Apple Computer Mac OS X 10.1 or later Japanese Edition (For Mac OS X 10.0 Japanese Edition, plug and play does not work for USB audio device appropriately) D PC: Following PC-AT compatible computers for above OS (OS requirement must be met) − Motherboard using Intel 440BX or ZX chipset (using USB controller in the chipset) − Motherboard using Intel i810 chipset (using USB controller in the chipset) − Motherboard using Intel i815 chipset (using USB controller in the chipset) − Motherboard using Intel i820 chipset (using USB controller in the chipset) − Motherboard using Intel i845 chipset (using USB controller in the chipset) − Motherboard using Intel i850 chipset (using USB controller in the chipset) − Motherboard using Apollo KT133 chipset (using USB controller in the chipset) − Motherboard using Apollo Pro plus chipset (using USB controller in the chipset) − Motherboard using MVP4 or MVP3 chipset (using USB controller in the chipset) − Motherboard using Aladdin V chipset (using USB controller in the chipset) − Motherboard using SiS530 or SiS559 chipset (using USB controller in the chipset) − Motherboard using SiS735 chipset (using USB controller in the chipset) NOTE: The OSs and PCs for which the operation of the PCM2901/2903 was confirmed are listed above. The PCM2901/2903 may also work with other OSs and PCs that have not been tested. Furthermore, there is no assurance that the PCM2901/2903 will work with every PC having a compatible chipset, because other design factors of the motherboard may also cause incompatibility. The PCM2901/2903 has been acknowledged in the USB compliance test. However, the acknowledgement is just for the PCM2901/2903 from Texas Instruments. Be careful that the acknowledgement is not for the customer’s USB system using the PCM2901/2903. Intel is a trademark of Intel Corporation. Microsoft, Windows, Windows Me, and Windows XP are trademarks of Microsoft Corporation. Apple. Mac, and Mac OS are trademarks of Apple Computer, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |