Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C9911J Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C9911J
Description  5V High-Speed Programmable Skew Clock Buffers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C9911J Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C9911J Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C9911J Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8451B
03/28/01
PI6C9911 & PI6C9911E
5V High Speed Programmable Skew
Clock Buffers - SuperClock®®®®®
S
F
)
3
,
2
(
f M
O
N
)
z
H
M
(
e
t
a
m
i
x
o
r
p
p
A
y
c
n
e
u
q
e
r
F
t
a
)
z
H
M
(
h
c
i
h
w
tU
s
n
0
.
1
=
.
n
i
M.
x
a
M
1
1
9
9
C
6
I
P
W
O
L5
10
34
47
.
2
2
D
I
M5
20
56
25
.
8
3
H
G
I
H0
40
0
16
15
.
2
6
E
1
1
9
9
C
6
I
P
W
O
L0
20
44
47
.
2
2
D
I
M5
30
76
25
.
8
3
H
G
I
H0
65
2
16
15
.
2
6
Table 1. Frequency Range Select and tU Calculation(1)
Table 2. Programmable Skew Configurations(1)
s
t
c
e
l
e
S
n
o
it
c
n
u
Fs
n
o
it
c
n
u
F
t
u
p
t
u
O
,
1
F
2
,
1
F
1
1
F
4
,
1
F
3
,
0
F
2
,
0
F
1
0
F
4
,
0
F
3
,
1
Q
1
,
0
Q
1
1
Q
2
,
0
Q
2
1
Q
3
,
0
Q
3
,
0
Q
4
1
Q
4
W
O
L
W
O
Lt
4
- U
2
y
b
e
d
i
v
i
D
D
I
Mt
3
- U
t
6
- U
H
G
I
Ht
2
- U
t
4
- U
D
I
M
W
O
Lt
1
- U
t
2
- U
D
I
Mt
0
- U
H
G
I
Ht
1
+ U
t
2
+ U
H
G
I
H
W
O
Lt
2
+ U
t
4
+ U
D
I
Mt
3
+ U
t
6
+ U
H
G
I
Ht
4
+ U
4
y
b
e
d
i
v
i
Dd
e
tr
e
v
n
I
Figure 1. Typical Outputs with FB Connected to a Zero-Skew Output(4)
(N/A)
LM
-6tU
LL
LH
-4tU
LM
(N/A)
-3tU
LH
ML
-2tU
ML
(N/A)
-1tU
MM
MM
0tU
MH
(N/A)
+1tU
HL
MH
+2tU
HM
(N/A)
+3tU
HH
HL
+4tU
(N/A)
HM
+6tU
(N/A)
LL/HH DIVIDED
(N/A)
HH
INVERT
FB Input
REF Input
1Fx
2Fx
3Fx
4Fx
1
fNOM x N
where N=
tU =



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com