Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB1210 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1210 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
TUSB1210
SLLSE09H – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
4.6
I/O Electrical Characteristics
4.6.1
Analog I/O Electrical Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CPEN Output Pin
VOLCPEN CPEN low-level output voltage
IOL = 3 mA
0.3
V
VOHCPEN CPEN high-level output voltage
IOH = –3 mA
VDD33–0.3
V
4.6.2
Digital I/O Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOCK
VOL
Low-level output voltage
0.45
V
Frequency = 60 MHz, Load = 10 pF
VOH
High-level output voltage
VDDIO -
V
0.45
STP, DIR, NXT, DATA0 to DATA7
VOL
Low-level output voltage
0.45
V
Frequency = 60 MHz, Load = 10 pF
VOH
High-level output voltage
VDDIO -
V
0.45
4.6.3
Electrical Characteristics: Digital IO Pins (Non-ULPI)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CS, CFG, RESETB Input Pins
VIL
Maximum low-level input voltage
0.35 * VDDIO
V
VIH
Minimum high-level input voltage
0.65 * VDDIO
V
RESETB Input Pin Timing Spec
tw(POR)
Internal power-on reset pulse
0.2
μs
width
tw(RESET)
Applied to external RESETB pin
CLOCK
External RESETB pulse width
8
when CLOCK is toggling.
cycles
8
Specifications
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com