Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS632NN Datasheet(PDF) 4 Page - Copal Electronics

Part # MCS632NN
Description  Sub-miniature Slide Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MCS632NN Datasheet(HTML) 4 Page - Copal Electronics

  MCS632NN Datasheet HTML 1Page - Copal Electronics MCS632NN Datasheet HTML 2Page - Copal Electronics MCS632NN Datasheet HTML 3Page - Copal Electronics MCS632NN Datasheet HTML 4Page - Copal Electronics MCS632NN Datasheet HTML 5Page - Copal Electronics MCS632NN Datasheet HTML 6Page - Copal Electronics MCS632NN Datasheet HTML 7Page - Copal Electronics MCS632NN Datasheet HTML 8Page - Copal Electronics MCS632NN Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3 ± 0.3 3 ± 0.3
MCS
Circuit arrangement
Circuit diagram
No. of
terminals
Pos.A
Pos.B
Pos.C
8
ON
ON
ON
(C1)−(1)
(C2)−(4)
(C1)−(2)
(C2)−(5)
(C1)−(3)
(C2)−(6)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
■PC Hole Layouts
  
(Top view)
●Rating : DC50V 0.3A
●Operating force : 2.45±0.98N
●Rating : DC50V 0.3A
●Operating force : 2.45±0.98N
●Rating : DC50V 0.3A
●Operating force :
(A)
⇒
(B)
、
(C)
⇒
(B)
1.47±0.49N
(B)
⇒
(A)
、
(B)
⇒
(C)
2.94±0.98N
Non-shorting
Shorting
Non-shorting
★MCS221N-1008
MCS232PA-1012
MCS222N-1009
★:Made to order products.
Circuit arrangement Circuit diagram
No. of
terminals
Pos.A
Pos.B
6
ON
ON
(C1)−(1)
(C2)−(3)
(C1)−(2)
(C2)−(4)
Circuit arrangement Circuit diagram
No. of
terminals
Pos.A
Pos.B
6
ON
ON
(C1)−(1)
(C2)−(3)
(C1)−(2)
(C2)−(4)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com