Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS142NN Datasheet(PDF) 1 Page - Copal Electronics

Part # MCS142NN
Description  Sub-miniature Slide Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MCS142NN Datasheet(HTML) 1 Page - Copal Electronics

  MCS142NN Datasheet HTML 1Page - Copal Electronics MCS142NN Datasheet HTML 2Page - Copal Electronics MCS142NN Datasheet HTML 3Page - Copal Electronics MCS142NN Datasheet HTML 4Page - Copal Electronics MCS142NN Datasheet HTML 5Page - Copal Electronics MCS142NN Datasheet HTML 6Page - Copal Electronics MCS142NN Datasheet HTML 7Page - Copal Electronics MCS142NN Datasheet HTML 8Page - Copal Electronics MCS142NN Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MCS
Sub-miniature Slide Switches
RoHS Compliant
■Common
●Initial contact resistance
30mΩ max. at 1.5mA 200μVAC
●Dilectric strength
AC500V for 1 minute
●Initial insulation resistance
100MΩ min. at 500VDC
●Electical life
10,000 cycles
●Operating temperature range
−10℃∼+60℃
■Part Numbering
ON ー ON
ONーOFFーON
ONーON ー ON
ON ー ONー ONーON
ON ー ON
ONーOFFーON
ONーON ー ON
ON ー ONー ONーON
D
E
EA
DD
N
P
PA
NN
PC terminal
Right angle terminal
Surface mount type
Solder terminals
MCS 1 2 1 D − 1001
Series code
Registration number
Terminal style
1−pole
2−poles
4−poles
6−poles
Number of poles
1
2
4
6
Fig.
2position
3position
4position
Number of position
2
3
4
Fig.
1
2
3
4
Fig.
Code
Odd
Even
Switching function
■
⑴Manual Soldering
Device : Soldering iron.
①350℃, Max.; 3 seconds, Max.
⑵When soldering two or more terminals to the common land, use
solder resist to solder them independently.
■Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.


Similar Part No. - MCS142NN

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MCS1040 FRONTIER-MCS1040 Datasheet
217Kb / 2P
SMD MOLDED HIGH CURRENT POWER INDUCTORS
logo
PADAUK Technology.
MCS11 PADAUK-MCS11 Datasheet
1Mb / 108P
Field Programmable Processor Array
logo
Multicomp Pro
MCS11F MULTICOMP-MCS11F Datasheet
158Kb / 2P
Compact Relay Bases UL 94-V0 Rated Nylon
09/06/12 V1.1
MCS11P MULTICOMP-MCS11P Datasheet
158Kb / 2P
Compact Relay Bases UL 94-V0 Rated Nylon
09/06/12 V1.1
logo
Schurter Inc.
MCS16 SCHURTER-MCS16 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
More results

Similar Description - MCS142NN

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
GREATECS
SB6 GREATECS-SB6 Datasheet
2Mb / 2P
Sub-Miniature Slide Switches
logo
C&K Components
JS202011AQN CK-COMPONENTS-JS202011AQN Datasheet
302Kb / 6P
Sub-Miniature Slide Switches
JSM CK-COMPONENTS-JSM Datasheet
295Kb / 5P
Sub-Miniature Slide Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
logo
E-SWITCH
500A E-SWITCH-500A_1 Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
48BFSP1M6RT GRAYHILL-48BFSP1M6RT Datasheet
91Kb / 1P
Sub-Miniature Slide Switches
logo
C&K Components
JS CK-COMPONENTS-JS Datasheet
1Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
JSM CK-COMPONENTS-JSM_V01 Datasheet
277Kb / 2P
Sub-Miniature Slide Switches
20 Jul 21
JS-SERIES CK-COMPONENTS-JS-SERIES Datasheet
2Mb / 15P
Sub-Miniature Slide Switches
22 Sep 22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com