Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AXA02A18-L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AXA02A18-L
Description  Total Power: 10 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AXA02A18-L Datasheet(HTML) 1 Page - Artesyn Technologies

  AXA02A18-L Datasheet HTML 1Page - Artesyn Technologies AXA02A18-L Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
AXA Series
10 Watts
Total Power: 10 W
Input Voltage: 24 or 48 V
# of Outputs: Single and Dual
SPECIAL FEATURES
ƒ
Package size 1.0” x 1.0” x 0.4”
ƒ
Ultra-wide 4:1 input range:
9 - 36 Vin, 18 - 75 Vin
ƒ
Very high efficiency up to 87%
ƒ
Operating temperature range:
-40 °C to +85 °C
ƒ
I/O isolation voltage 1500 VDC
ƒ
Remote ON/OFF control
ƒ
Metal case with isolated baseplate
ƒ
CSA/UL/IEC/EN 60950-1
Safety Approval
SAFETY
ƒ
cUL/UL 60950-1
ƒ
IEC/EN 60950-1
Electrical Specifications
Input
Input range
9 - 36 Vdc, 18 - 75 Vdc
Efficiency
87% @ 12 Vo
Output
Voltage tolerance
±2.0%
Line regulation
±0.3%
Load regulation
±0.5%
Noise/ripple
100 mV
Overload protection
150% typ of Io max, hiccup
Short circuit protection
Hiccup mode
Switching frequency
450 kHz
Isolation
I/O isolation
I/O: 1500 Vdc
Insulation resistance
1000 Mohm
Insulation capacitance
1500 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-50 °C to +125 °C
Humidity
5% to 95% non-condensing
MTBF
350 Khrs calculated


Similar Part No. - AXA02A18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AXA02A18-L ARTESYN-AXA02A18-L Datasheet
415Kb / 2P
Metal case with isolated baseplate
More results

Similar Description - AXA02A18-L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXB100-24S12FLTJ ARTESYN-BXB100-24S12FLTJ Datasheet
613Kb / 3P
Total Power: 66 - 100 W
AYA01F05-L ARTESYN-AYA01F05-L Datasheet
454Kb / 3P
Total Power: 3 W
AXA06F18-L ARTESYN-AXA06F18-L Datasheet
514Kb / 2P
Total Power: 25 W
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
Total Power: Up to 1500 W
ERM15A72 ARTESYN-ERM15A72 Datasheet
443Kb / 2P
Total Power: 75 W
ERM10A72 ARTESYN-ERM10A72 Datasheet
442Kb / 2P
Total Power: 50 W
logo
STMicroelectronics
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
logo
Delta Electronics, Inc.
DPS-50AP-2-A DELTA-DPS-50AP-2-A Datasheet
1Mb / 3P
Total power 50W
DPS-24GPA DELTA-DPS-24GPA Datasheet
1Mb / 3P
Total power 24W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com