Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA7805 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TA7805
Description  isc Three Terminal Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TA7805 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TA7805 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TA7805 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Three Terminal Positive Voltage Regulator
TA7805
FEATURES
·
Output current in excess of 1.5A
·
Output voltage of 5V
·
Internal thermal overload protection
·
Output transition Safe-Area compensation
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
Vi
DC input voltage
35
V
Io
Output current
internally
limited
Ptot
Power dissipation
internally
limited
TOP
Operating junction temperature
0~150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to
Case
12.5
℃
/W
Rth j-a
Thermal Resistance,Junction to
Ambient
125
℃
/W


Similar Part No. - TA7805

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78057F TOSHIBA-TA78057F Datasheet
314Kb / 18P
Three Terminal Positive Voltage Regulators
TA78057F TOSHIBA-TA78057F Datasheet
659Kb / 18P
5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA78057S TOSHIBA-TA78057S Datasheet
700Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78057SB TOSHIBA-TA78057SB Datasheet
662Kb / 15P
5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
TA7805AF TOSHIBA-TA7805AF Datasheet
266Kb / 10P
1 A Three-Terminal Positive Voltage Regulator
More results

Similar Description - TA7805

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KA7805E ISC-KA7805E Datasheet
222Kb / 2P
isc Three Terminal Positive Voltage Regulator
KA7812E ISC-KA7812E Datasheet
223Kb / 2P
isc Three Terminal Positive Voltage Regulator
MC7805 ISC-MC7805 Datasheet
222Kb / 2P
isc Three Terminal Positive Voltage Regulator
BA17812FP ISC-BA17812FP Datasheet
223Kb / 2P
isc Three Terminal Positive Voltage Regulator
L7805K ISC-L7805K Datasheet
173Kb / 2P
isc Three Terminal Positive Voltage Regulator
L7812CV ISC-L7812CV Datasheet
253Kb / 2P
isc Three Terminal Positive Voltage Regulator
L7815CV ISC-L7815CV Datasheet
253Kb / 2P
isc Three Terminal Positive Voltage Regulator
LM7812 ISC-LM7812_19 Datasheet
228Kb / 2P
isc Three Terminal Positive Voltage Regulator
NJM7805 ISC-NJM7805 Datasheet
266Kb / 2P
isc Three Terminal Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com