Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRP1-20--Z Datasheet(PDF) 3 Page - Copal Electronics

Part # MRP1-20--Z
Description  Pulse Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

MRP1-20--Z Datasheet(HTML) 3 Page - Copal Electronics

  MRP1-20--Z Datasheet HTML 1Page - Copal Electronics MRP1-20--Z Datasheet HTML 2Page - Copal Electronics MRP1-20--Z Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MRP
■Circuit Characteristics
Operating direction
Connecting terminal
Step angle
Clockwise
2
−1
Counterclockwise
2
−3
360
°Endless : 20±2 pulses
PC Hole Layouts
■Panel Cut-Out Dimensions
Panel thickness : 2 mm max.
Bracket mounting
Right angle
(Top View)
or
1. Soldering SpeciÄcations
⑴Manual Soldering
Device
: Soldering iron
270
℃, Max.; 3 seconds, Max.
⑵ Auto Soldering
Device: Jet wave type or dip type
260
±5℃; 5 seconds, Max.
・Pre-heating should be done at temperatures of 100℃ or
below and within 30 sec.
⑶When soldering two or more terminals to the common
land, use the solder resist to solder them independently.
3. Mounting of Switch
⑴ Do not apply a load exceeding 29.4 N・cm to the Äxing screws.
⑵Do not bend the terminals before mounting the switch on the PC board.
⑶After mounting the switch, do not place the device in such a way that the device weight
will be applied on the knob, etc. of the switch.
⑷Do not apply a load exceeding 16.7 N to the knob.
■Handling Precautions(MRP & DRS series)
2. Flux Cleaning
⑴ For the solvent, use the Åuorine-based or alcohol-based solvent.
Solvent: Fluorine or Alcohol type
⑵ Since the MRP Series products are not waterproof-
structured, if the PC board is to be cleaned, clean the
soldering surface of substrate with a brush so that the
switch is not exposed to the cleaning solution.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com