Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P-2000 Datasheet(PDF) 1 Page - Copal Electronics

Part # P-2000
Description  PRESSURE TRANSDUCERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-2000 Datasheet(HTML) 1 Page - Copal Electronics

  P-2000 Datasheet HTML 1Page - Copal Electronics P-2000 Datasheet HTML 2Page - Copal Electronics P-2000 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
※Verify the above model numbers when placing orders.
PRESSURE TRANSDUCERS
O Compact and light weight
O For non-corrosive gases
O Dual in line package
O Pressure range ~9.81, ~981 kPa {~0.1, ~10 kgf/cm2}
■ FEATURES
Part name
Material
Housing
LCP (Liquid crystal polymer)
Aluminum
Silicone
Ceramic
Phosphor bronze
+ Au-plated
Cover
Sensor chip
Chip resistor (compensatory resistor)
Terminal pin
1
2
3
4
5
INTERNAL STRUCTURE (BN type)
■ MODEL NUMBER DESIGNATION
Series name
Rated pressure range
101
:0 ~ 9.81 kPa {0 ~ 0.1 kgf/cm2}
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~ 1 kgf/cm2}
352
:0 ~ 343 kPa {0 ~ 3.5 kgf/cm2}
502
:0 ~ 490 kPa {0 ~ 5 kgf/cm2}
702
:0 ~ 686 kPa {0 ~ 7 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Terminal direction
AN
:Same direction as the pressure port
BN
:Opposite direction to the pressure port
Thermal error
15
:
± 0.15 % (± 0.12 %) F.S./°C
Pressure reference
G
:Gauge
■ LIST OF MODEL NUMBERS
Terminal
direction
Rated pressure range
kPa {kgf/cm2}
AN
BN
0 ~ 9.81
0 ~ 49.0
0 ~ 98.1
0 ~ 343
0 ~ 490
0 ~ 686
0 ~ 981
{0 ~ 0.1}
{0 ~ 0.5}
{0 ~ 1}
{0 ~ 3.5}
{0 ~ 5}
{0 ~ 7}
{0 ~ 10}
A P-2000-101G-15-AN A P-2000-501G-15-AN A P-2000-102G-15-AN A P-2000-352G-15-AN A P-2000-502G-15-AN A P-2000-702G-15-AN A P-2000-103G-15-AN
P-2000-101G-15-BN
P-2000-501G-15-BN
P-2000-102G-15-BN
P-2000-352G-15-BN
P-2000-502G-15-BN
P-2000-702G-15-BN
P-2000-103G-15-BN
The AN version, marked
A is manufactured upon receipt of order basis.
P-2000
2
3
5
4
1
P-2000 - 501 G - 15 - BN


Similar Part No. - P-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P-200 ETC-P-200 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
P-200 JST-P-200 Datasheet
97Kb / 1P
Solderless splices PARALLEL
More results

Similar Description - P-2000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
Pressure transducers
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
Digital pressure transducers
logo
List of Unclassifed Man...
P158-100A-C2A ETC2-P158-100A-C2A Datasheet
876Kb / 2P
Refrigeration Pressure Transducers
logo
Copal Electronics
P-3000S COPAL-P-3000S Datasheet
84Kb / 3P
PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
PRESSURE TRANSDUCERS
PA-708 COPAL-PA-708 Datasheet
561Kb / 3P
PRESSURE TRANSDUCERS
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
PRESSURE TRANSDUCERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com