Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4419CDD Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LTC4419CDD
Description  18V Dual Input Micropower PowerPath Prioritizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4419CDD Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LTC4419CDD Datasheet HTML 9Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 10Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 11Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 12Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 13Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 14Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 15Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 16Page - Linear Integrated Systems LTC4419CDD Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4419
13
4419f
For more information www.linear.com/LTC4419
applicaTions inForMaTion
switch-over threshold. When V1 recovers, it needs to be
qualified for 64ms before it is reconnected to OUT. OUT
gets discharged by ROUT and is connected to V2 once its
voltage is 50mV less than V2.
Reverse Voltage Blocking
The LTC4419 blocks reverse voltages on supply pins V1
and V2 up to –15V relative to GND and up to –39V relative
to OUT. Transient voltage suppressors (TVS) connected to
V1 and V2 must be bidirectional and capacitors connected
to these pins must be rated to handle reverse voltages. A
reverse voltage on V2 does not disrupt V1 operation and
vice versa.
Freshness Seal
Freshness seal mode prevents V2 battery discharge by
keeping V2 disconnected from OUT even if V1 is absent
or invalid. Very little current is drawn from V2—typically
just 120nA. The following sequence (refer to Figure 8)
puts the LTC4419 in freshness seal mode:
1. Power up V2 while holding V1 low and wait for at least
10ms.
2. Drive V2ON below 50mV.
3. Power up V1 and ADJ for at least 94ms. Freshness seal
is enabled.
Engage this mode if V2 is a backup battery either during
storage or during shipment. Once freshness seal has been
engaged, if V1 is disconnected, V2 stays disconnected
from OUT. Freshness seal is automatically disabled the
next time V1 is revalidated. Limit V2ON pin capacitance
to less than 10nF in order to prevent freshness seal mode
from accidentally being engaged.
Design Example
In Figure 9, the LTC4419 prioritizes between a 5V supply
connected to V1 and a 7.4V 2-cell Li-Ion battery connected
to V2. The system is designed to switch OUT to V2 when
V1 drops below 4V, provide early power failure warning
when V1 drops below 4.5V and low battery warning when
the backup battery voltage drops below 6V. Maximum
anticipated load current is 100mA and maximum allowed
output droop is 100mV. Output rising slew rate is limited
to <0.1V/µs and V1 and V2 input capacitors are limited to
10µF to avoid large inrush current. 1% tolerance resistors
are used. ADJ and CMP pin leakages are ignored as their
design impact is small.
First choose total resistive divider current to be ~10µA
for V1 and ~5µA for V2. For the 5V supply, this results in:
R1
+R2+R3=
5V
10µA
=500kΩ
(14)
Since desired switchover threshold, VSW1, and the total
divider impedance are known, use equation 1 to first
calculate R3. Using R3 and equation 2, calculate R1 and
R2. Rewriting equation 1 results in:
R1
+R2
(
)= VTHA • R1+R2+R3
(
)
VSW1
(15)
FSEAL
ENABLED
DRIVEN LOW
EXTERNALLY
94ms
1.116V
4419 F08
1.8V
10ms
1.8V
V2
V2ON
V1
ADJ
1
2
3
Figure 8. Freshness Seal Engage Procedure
R3
365k
R2
88.7k
C2
2.2µF
R1
44.2k
R6
1M
R7
1M
5V
INPUT
2-CELL
Li-Ion
7.4V
R5
1.37M
RSN1
0.5
R4
95.3k
V1
OUT
OUT
PFV1
V2UV
CMPOUT1
CMPOUT2
ADJ
CMP1
CMP2 GND
4419 F09
LTC4419
V2
C1
2.2µF
COUT
15µF
+
Figure 9. Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com