Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT3755 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT3755
Description  36V, 2A Synchronous Step-Up LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3755 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT3755 Datasheet HTML 7Page - Linear Integrated Systems LT3755 Datasheet HTML 8Page - Linear Integrated Systems LT3755 Datasheet HTML 9Page - Linear Integrated Systems LT3755 Datasheet HTML 10Page - Linear Integrated Systems LT3755 Datasheet HTML 11Page - Linear Integrated Systems LT3755 Datasheet HTML 12Page - Linear Integrated Systems LT3755 Datasheet HTML 13Page - Linear Integrated Systems LT3755 Datasheet HTML 14Page - Linear Integrated Systems LT3755 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT3922
11
3922f
For more information www.linear.com/LT3922
pin FuncTions
FAULT: Fault Pin. Connect to INTVCC through a resistance
of 100k. An internal switch pulls this pin low when any of
following conditions happen:
1. Open LED: VFB > 1.14V and (VISP – VISN) < 10mV
2. Shorted LED:
(VISP – VISN) > 150mV for more than 300us, or
(VISP – VISN) > 0.7V, or
VOUT < (VIN – 2V)
RT: Timing Resistor Pin. A resistor from this pin to GND
programs the switching frequency between 200kHz and
2MHz. Do not leave this pin open.
SYNC/SPRD: Synchronization Pin. To override the pro-
grammed switching frequency, drive this pin with an
external clock having a frequency between 200kHz and
2MHz. Even when using the external clock, select an RT
resistor that corresponds to the desired switching fre-
quency. Tie the pin to INTVCC to enable Spread Spectrum
Frequency Modulation. This pin should be tied to GND
when not in use.
RP: PWM Resistor Pin. Connect a resistor from this pin to
GNDtosetthefrequencyoftheinternalPWMsignal.Donot
use a resistor larger than 1MΩ. If using an external PWM
pulse for LED dimming, tie this pin to GND. Refer to the
Application Information section for a detailed explanation.
PWM: PWM Input Pin. With the RP pin tied to GND, drive
this pin with a digital pulse to control PWM dimming of
the LEDs. Alternatively, when using a resistor on the RP
pin to GND, set the voltage of this pin between 1V and
2V to generate an internal pulse with duty cycle between
0% and 100%. When using an analog signal, place a 1µF
bypass capacitor between this pin and GND. Tie this pin
high when PWM dimming is not required.
PWMTG: PWM Driver Output Pin. This pin can drive the
gate of an external high-side PMOS device for PWM dim-
ming of LEDs. Do not force any voltage on this pin.
VOUT: Output Pins. Connect to the output and place output
capacitors between these pins and GND as close as pos-
sible to the package. Refer to the Application Information
section for the recommended capacitor placements.
GND (Pin 22, 23, 25, Exposed Pad Pin 29): Ground Pins.
All GND pins must be soldered to the board ground plane.
NC: No Connect Pins. These pins can be left open or con-
nected to the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com