Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PA-750-352V-R1-1 Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-750-352V-R1-1
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-750-352V-R1-1 Datasheet(HTML) 4 Page - Copal Electronics

  PA-750-352V-R1-1 Datasheet HTML 1Page - Copal Electronics PA-750-352V-R1-1 Datasheet HTML 2Page - Copal Electronics PA-750-352V-R1-1 Datasheet HTML 3Page - Copal Electronics PA-750-352V-R1-1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(SUS304)
(PPS)
43.6
11
7
18
Power(+)
Common
Output
①
②
③
14
23.5
φ
Fitting
Housing
Output connector
Plug
Plug Housing 174357-2
Tyco Electronics Japan G.K.
Econoseal Series
〔Mark ll(+)〕
Pressure Port
M5 depth 6
Label 1
Label 2
OConfigurations of joint R1 (R1/8) type
(PPS)
14
23.5
φ
45.5
13
7
18
Plug Housing 174357-2
Power(+)
Common
Output
①
②
③
Output connector
Plug
Label 1
Label 2
Housing
R1/4
(SUS304)
Fitting
Pressure Port
M5 depth 6
Tyco Electronics Japan G.K.
Econoseal Series
〔Mark ll(+)〕
OConfigurations of joint R2 (R1/4) type
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.5 (Unit: mm)
PA-750
PRESSURE TRANSDUCERS WITH AMP.
Wire color
Brown
Blue
White
Connection
Power
B
Common
Output
■ INTERNAL ELECTRICAL SCHEMATICS
Pressure
Sensor
Power
B
Output
Main circuit
Common
L = 1500 100
50 10
30.9
Econoseal Series
〔Mark ll(+)〕
Tyco Electronics Japan G.K
Plug Housing
:174357-2
Receptacle contact:171630-5
φ
( 5.3)
3-core shield cable
AWG22UL2517
With connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com