Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92196A Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST92196A
Description  8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92196A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST92196A Datasheet HTML 6Page - STMicroelectronics ST92196A Datasheet HTML 7Page - STMicroelectronics ST92196A Datasheet HTML 8Page - STMicroelectronics ST92196A Datasheet HTML 9Page - STMicroelectronics ST92196A Datasheet HTML 10Page - STMicroelectronics ST92196A Datasheet HTML 11Page - STMicroelectronics ST92196A Datasheet HTML 12Page - STMicroelectronics ST92196A Datasheet HTML 13Page - STMicroelectronics ST92196A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 268 page
background image
10/268
GENERAL DESCRIPTION
INTRODUCTION (Cont’d)
1.1.4 On-chip Peripherals
OSD Controller
The On Screen Display displays closed caption or
extended service format data received from the
on-chip data slicers or any text or menu data gen-
erated by the application. Rows of up to 63 charac-
ters can be displayed with two user-definable
fonts. Colors, character shape and other attributes
are software programmable. Support is provided
for mouse or other pointing devices.
Parallel I/O Ports
The ST9 is provided with dedicated lines for input/
output. These lines, grouped into 8-bit ports, can
be independently programmed to provide parallel
input/output or to carry input/output signals to or
from the on-chip peripherals and core e.g. SCI and
Multifunction Timer. All ports have active pull-ups
and pull-down resistors compatible with TTL
loads. In addition pull-ups can be turned off for
open drain operation and weak pull-ups can be
turned on to save chip resistive pull-ups. Input
buffers can be either TTL or CMOS compatible.
Multifunction Timer
The multifunction timer has a 16-bit Up/Down
counter supported by two 16-bit Compare regis-
ters and two 16-bit input capture registers. Timing
resolution can be programmed using an 8-bit pres-
caler.
Serial Communications Controller
The SCI provides an asynchronous serial I/O port
using two DMA channels. Baud rates and data for-
mats are programmable. Controller applications
can further benefit from the self test and address
wake-up facility offered by the character search
mode.
I2C Bus Interface
The I2C bus is a synchronous serial bus for con-
necting multiple devices using a data line and a
clock line. Multimaster and slave modes are sup-
ported. Up to four channels are supported. The I2C
interface supports 7-bit addressing. It operates in
multimaster or slave mode and supports speeds of
up to 666.67 kHz. Bus events (Bus busy, slave ad-
dress recognised) and error conditions are auto-
matically flagged in peripheral registers and inter-
rupts are optionally generated.
Analog/Digital Converter
The ADC provides up to 8 analog inputs with on-
chip sample and hold. Conversion can be trig-
gered by a signal from the MFT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com