| Electronic Components Datasheet Search |
|
PA-750-102G-R2- Datasheet(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
PA-750-102G-R2- Datasheet(HTML) 1 Page - Copal Electronics |
|
1 / 4 page ![]() ① ② ③ PRESSURE TRANSDUCERS WITH AMP. PA-750 Part name Material Stainless steel diaphragm Housing Fitting 1 2 3 SUS 316L PPS SUS 304 INTERNAL STRUCTURE PA-750 (R 1/4) O High corrosion resistance and drip-proof construction Pressure port attachment made of SUS 316L Proven IP65 grade gauge body (IP65 in accordance with IEC) O Cable connector connection O Buit-in temperature compensation function (0 ~ 50°C) O Absolute pressure type and compound pressure type which can control negative to positive pressure with only a single pressure gauge are all in line O Voltage output mode ■ FEATURES ■ MODEL NUMBER DESIGNATION PA-750 - 102 R - R2 - 1 Series name Pressure reference Rated pressure range G :Gauge V :Gauge(Vacuum) R :Compound A :Absolute 102 :0 ~ 100 kPa 352 :0 ~ 350 kPa 103 :0 ~ 1 MPa 353 :0 ~ 3.5 MPa 102 :0 ~ − 100 kPa 102 : − 100 ~ 100 kPa 302 : − 100 ~ 300 kPa 102 :0 ~ 100 kPa abs Fitting R1 :R 1/8 with M 5 female screw R2 :R 1/4 with M 5 female screw Blank :1.5m cable 1 :Not attached ※Please refer to the LIST OF MODEL NUMBERS when placing orders. Cable marking Compatible with EMC directive |
Similar Part No. - PA-750-102G-R2- |
|
Similar Description - PA-750-102G-R2- |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |