Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA-US Datasheet(PDF) 5 Page - Artesyn Technologies

Part # DA-US
Description  Total Power: 12 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA-US Datasheet(HTML) 5 Page - Artesyn Technologies

  DA-US Datasheet HTML 1Page - Artesyn Technologies DA-US Datasheet HTML 2Page - Artesyn Technologies DA-US Datasheet HTML 3Page - Artesyn Technologies DA-US Datasheet HTML 4Page - Artesyn Technologies DA-US Datasheet HTML 5Page - Artesyn Technologies DA-US Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DA12-M Series Data Sheet
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± .02”.
3. Weight: 0.25 lb/0.114 kg
4. Warranty: 2 years
Mechanical Drawings
59”
(1500)
2.36”
(60)
1.10”
(28)
1.58”
(40.18)
DA-US
DA-UK
DA-EU
DA-AU
DA-CH
DA-JP
DA-KR
DA-C8
*Can be inserted straight or 90˚
*Can be inserted straight or 90˚
*Can be inserted straight or 90˚
*Can be inserted straight or 90˚
DA12-MP Interchangeable Plug Adapter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com