Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV5608 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5608
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5608 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5608 Datasheet HTML 8Page - Texas Instruments TLV5608 Datasheet HTML 9Page - Texas Instruments TLV5608 Datasheet HTML 10Page - Texas Instruments TLV5608 Datasheet HTML 11Page - Texas Instruments TLV5608 Datasheet HTML 12Page - Texas Instruments TLV5608 Datasheet HTML 13Page - Texas Instruments TLV5608 Datasheet HTML 14Page - Texas Instruments TLV5608 Datasheet HTML 15Page - Texas Instruments TLV5608 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PRESET
CTRL0
CTRL1
TLV5608
TLV5610
TLV5629
SLAS268E – MAY 2000 – REVISED MARCH 2004
The outputs of all DAC channels can be driven to a predefined value stored in the Preset register by driving the
PRE input low. The PRE input is asynchronous to the clock.
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
PD
DO
X
X
IM
PD
: Full device power down
0 = normal
1 = power down
DO
: Digital output enable
0 = disable
1 = enable
IM
: Input mode
0 = straight binary
1 = twos complement
X
: Reserved
If DOUT is enabled, the data input on DIN is output on DOUT with a 16-cycle delay. That makes it possible to
daisy-chain multiple DACs on one serial bus.
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
PGH
PEF
PCD
PAB
SGH
SEF
SCD
SAB
PXY
: Power down DACXY
0 = normal
1 = power down
SXY
: Speed DACXY
0 = slow
1 = fast
XY
: DAC pair AB, CD, EF, or GH
In power-down mode, the amplifiers of the selected DAC pair within the device are disabled and the total power
consumption of the device is significantly reduced. Power-down mode of a specific DAC pair can be selected by
setting the PXY bit within the data word to 1.
There are two settling time modes: fast and slow. Fast mode of a DAC pair is selected by setting SXY to 1 and
slow mode is selected by setting SXY to 0.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com