Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF89XAM8A Datasheet(PDF) 11 Page - Microchip Technology

Part # MRF89XAM8A
Description  868 MHz Ultra-Low Power
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XAM8A Datasheet(HTML) 11 Page - Microchip Technology

Back Button MRF89XAM8A Datasheet HTML 7Page - Microchip Technology MRF89XAM8A Datasheet HTML 8Page - Microchip Technology MRF89XAM8A Datasheet HTML 9Page - Microchip Technology MRF89XAM8A Datasheet HTML 10Page - Microchip Technology MRF89XAM8A Datasheet HTML 11Page - Microchip Technology MRF89XAM8A Datasheet HTML 12Page - Microchip Technology MRF89XAM8A Datasheet HTML 13Page - Microchip Technology MRF89XAM8A Datasheet HTML 14Page - Microchip Technology MRF89XAM8A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS70651A-page 9
MRF89XAM8A
2.0
CIRCUIT DESCRIPTION
The MRF89XAM8A module interfaces to Microchip’s
PIC16,
PIC18,
PIC24,
dsPIC33
and
PIC32
microcontrollers
with
a
minimum
of
external
components through digital only connections. An
example application schematic is illustrated in
Figure 2-1.
2.1
Module Schematic
The MRF89XAM8A module is based on the Microchip
Technology MRF89XA Ultra-Low Power, Integrated
ISM Band sub-GHz Transceiver IC. The serial I/O
(CSCON, CSDATA, SCK, SDO and SDI), RESET,
IRQ0 and IRQ1 pins are brought to the module pins.
Crystal X1 is a 12.8 MHz crystal with a frequency
tolerance of ±10 ppm at 25°C. The RFIO output is
matched to the SAW filter FL1 and further matched to
the PCB trace antenna.
Figure 2-2 illustrates the MRF89XAM8A schematics.
Table 2-1 details the Bill of Materials (BOM).
FIGURE 2-1:
MRF89XAM8A APPLICATION SCHEMATIC
Note 1
+ C2
1 0 μF
C1
0.1 μF
To Host
Microcontroller
To Host
Microcontroller
U1
MRF89XAMxA-I/RM
+ 3.3V
GND
RESET
CSCON
IRQ0
SDI
SCK
GND
GND
VIN
IRQ1
CSDATA
SDO
1
2
3
4
5
6
12
11
10
9
8
7
Note:
For battery powered applications, place a 10 μF capacitor in parallel with the 0.1 μF bypass
capacitor to provide a low impedance during startup sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com