Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC2000IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000IPWR
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2000IPWR Datasheet HTML 6Page - Texas Instruments TSC2000IPWR Datasheet HTML 7Page - Texas Instruments TSC2000IPWR Datasheet HTML 8Page - Texas Instruments TSC2000IPWR Datasheet HTML 9Page - Texas Instruments TSC2000IPWR Datasheet HTML 10Page - Texas Instruments TSC2000IPWR Datasheet HTML 11Page - Texas Instruments TSC2000IPWR Datasheet HTML 12Page - Texas Instruments TSC2000IPWR Datasheet HTML 13Page - Texas Instruments TSC2000IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
www.ti.com
TSC2000
SBAS257
FIGURE 4. Simplified Diagram of the Analog Input Section.
In some applications, external capacitors may be required
across the touch screen for filtering noise picked up by the
touch screen; i.e., noise generated by the LCD panel or
back-light circuitry. The value of these capacitors will provide
a low-pass filter to reduce the noise, but will cause an
additional settling time requirement when the panel is touched.
Several solutions to this problem are available in the TSC2000.
A programmable delay time is available which sets the delay
between turning the drivers on and making a conversion.
This is referred to as the Panel Voltage Stabilization time,
and is used in some of the modes available in the TSC2000.
In other modes, the TSC2000 can be commanded to turn on
the drivers only without performing a conversion. Time can
then be allowed before a conversion is started.
The TSC2000 touch screen interface can measure position (X
and Y) and pressure (Z). Determination of these coordinates
is possible under three different modes of the A/D converter:
conversion controlled by the TSC2000, initiated by detection of
a touch; conversion controlled by the TSC2000, initiated by the
host responding to the PENIRQ signal; or conversion com-
pletely controlled by the host processor.
A/D CONVERTER
The analog inputs of the TSC2000 are shown in Figure 4. The
analog inputs (X, Y, and Z touch panel coordinates, battery
voltage monitors, chip temperature, and auxiliary inputs) are
provided via a multiplexer to the Successive Approximation
Register (SAR) A/D converter. The A/D converter architecture
is based on capacitive redistribution architecture which inher-
ently includes a sample-and-hold function.
Converter
–REF
+REF
+IN
–IN
V
BAT1
AUX1
Battery
On
AUX2
GND
2.5V
Reference
Ref ON/OFF
X+
X–
+V
DD
TEMP1
Y+
Y–
V
REF
TEMP0
7.5k
Ω
V
BAT2
2.5k
Ω
2.5k
Ω
Battery
On
2.5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com