Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDF51-24SCF Datasheet(PDF) 3 Page - Hirose Electric

Part # MDF51-24SCF
Description  High Voltage Board to Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51-24SCF Datasheet(HTML) 3 Page - Hirose Electric

  MDF51-24SCF Datasheet HTML 1Page - Hirose Electric MDF51-24SCF Datasheet HTML 2Page - Hirose Electric MDF51-24SCF Datasheet HTML 3Page - Hirose Electric MDF51-24SCF Datasheet HTML 4Page - Hirose Electric MDF51-24SCF Datasheet HTML 5Page - Hirose Electric MDF51-24SCF Datasheet HTML 6Page - Hirose Electric MDF51-24SCF Datasheet HTML 7Page - Hirose Electric MDF51-24SCF Datasheet HTML 8Page - Hirose Electric MDF51-24SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
B324
MDF51 Series
●High Voltage Board to Cable Connectors
■Ordering information
●Header
MDF 51 # –
*
* P – 12 DSA
1
2
3
4
5
6
MDF 51 – 24 SCF
1
2
Series name : MDF51
Configuration type
K
: Contact pitch 12mm, through hole
SU : Contact pitch 13mm, surface mount
SY : Contact pitch 13mm, through hole
Number of contacts : 2
Connector type
P: Header
Contact pitch
12mm or 13mm
Termination type
DSA : through hole, straight
V
: surface mount, straight
1
5
6
4
2
3
●Crimp socket
MDF 51 # –
*
* S – 12 C
1
2
3
4
5
6
Series name : MDF51
Configuration type
Blank : Contact pitch 12mm, standard
SU
: Contact pitch 13mm, standard
Number of contacts : 2
Connector type
S: Crimp socket
Contact pitch
12mm or 13mm
Termination
C: Crimp
1
5
6
4
2
3
●Contacts
Applicable conductor
24: AWG# 24
Packaging
SCF: Female crimp contact / reel
1
2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com