Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ10-D Datasheet(PDF) 6 Page - CUI INC

Part # PDQ10-D
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ10-D Datasheet(HTML) 6 Page - CUI INC

  PDQ10-D Datasheet HTML 1Page - CUI INC PDQ10-D Datasheet HTML 2Page - CUI INC PDQ10-D Datasheet HTML 3Page - CUI INC PDQ10-D Datasheet HTML 4Page - CUI INC PDQ10-D Datasheet HTML 5Page - CUI INC PDQ10-D Datasheet HTML 6Page - CUI INC PDQ10-D Datasheet HTML 7Page - CUI INC PDQ10-D Datasheet HTML 8Page - CUI INC PDQ10-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
cui.com
date 07/12/2016
│ page 6 of 9
CUI Inc
│ SERIES: PDQ10-D │ DESCRIPTION: DC-DC CONVERTER
EFFICIENCY CURVES (CONTINUED)
18 Vdc
48 Vdc
75 Vdc
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
100
Load Current (%)
100
PDQ10-Q48-S12-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
Load Current (%)
18 Vdc
48 Vdc
75 Vdc
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90 100
100
PDQ10-Q48-S15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
Load Current (%)
9 Vdc
24 Vdc
36 Vdc
10
20
30
40
50
60
70
80
90 100
30
40
50
60
70
80
90
100
PDQ10-Q24-D15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
18 Vdc
48 Vdc
75 Vdc
10
20
30
40
50
60
70
80
90
100
20
30
40
50
60
70
80
90
100
Load Current (%)
PDQ10-Q48-S3-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
Load Current (%)
18 Vdc
48 Vdc
75 Vdc
10
20
30
40
50
60
70
80
90
100
20
30
40
50
60
70
80
90
PDQ10-Q48-D5-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
18 Vdc
48 Vdc
75 Vdc
Load Current (%)
10
20
30
40
50
60
70
80
90 100
20
30
40
50
60
70
80
90
100
PDQ10-Q48-D15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com