Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RN1810E Datasheet(PDF) 14 Page - Microchip Technology

Part # RN1810E
Description  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810E Datasheet(HTML) 14 Page - Microchip Technology

Back Button RN1810E Datasheet HTML 10Page - Microchip Technology RN1810E Datasheet HTML 11Page - Microchip Technology RN1810E Datasheet HTML 12Page - Microchip Technology RN1810E Datasheet HTML 13Page - Microchip Technology RN1810E Datasheet HTML 14Page - Microchip Technology RN1810E Datasheet HTML 15Page - Microchip Technology RN1810E Datasheet HTML 16Page - Microchip Technology RN1810E Datasheet HTML 17Page - Microchip Technology RN1810E Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
RN1810/RN1810E
DS50002460A-page 14
Advance Information
 2016 Microchip Technology Inc.
2.2
MODE0 and MODE1 Pins
The MODE pins must be tied to the voltage levels for
normal operation of the module. Refer to Table 2-1.
The MODE pins are sampled at power on and wake-
up. Refer to Section 2.4, "Sleep and Wakeup". In the
case of UART0_RX/MODE0 pin, a 100 k
 pull-up
resistor is required, and the host MCU allows an active-
high signal during power on and wake-up to ensure that
the module start-up in normal operation. Once the
module is operational, the pin becomes the
UART0_RX pin.
2.3
VDD and GND Pin
The RN1810/RN1810E wireless module contains an
integrated power management unit that generates all
necessary voltages required by the internal circuitry.
The module is powered from a single voltage source.
Table 2-2 lists the recommended bypass capacitors.
The capacitors must be closely placed to the module.
2.4
Sleep and Wakeup
The module enters the lowest power mode when the
SLEEP pin is asserted high. WLAN and network
connection information is preserved.
The module can wake-up when WAKEUP pin is
asserted low. The module restores the saved
information after wakeup.
2.5
Module Reset
There are several ways to Reset the module:
• A Power-On Reset is automatically generated
when power is applied. This Reset is intended to
initialize the module when a new battery is
connected.
• Perform an external Power-On Reset by asserting
the RESET pin low.
• Perform a soft Power-On Reset using software
commands
The RESET pulse duration must be a minimum of
650 ns.
2.6
Factory Reset
The Factory Reset is intended to initialize provisioning
information stored in flash memory by asserting
FUNC_CONFIG Low to High five times with 300 ms
between transitions.
TABLE 2-1:
MODE PIN OPERATION
Pin
Condition
MODE1
Connect to GND
UART0_RX/MODE0
Connect to VDD via
100 k
 pull-up resistor
TABLE 2-2:
RECOMMENDED BYPASS
CAPACITORS
Pin
Symbol
Bypass Capacitors
4VDD
0.1 µF and 2.2 µF
15
VDD
0.1 µF and 2.2 µF
35
VDD
0.1 µF and 2.2 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com