Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS3142 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCS3142
Description  MCS3142 Dual KEELOQ짰 Encoder Wireless Remote Control Development Kit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3142 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCS3142 Datasheet HTML 38Page - Microchip Technology MCS3142 Datasheet HTML 39Page - Microchip Technology MCS3142 Datasheet HTML 40Page - Microchip Technology MCS3142 Datasheet HTML 41Page - Microchip Technology MCS3142 Datasheet HTML 42Page - Microchip Technology MCS3142 Datasheet HTML 43Page - Microchip Technology MCS3142 Datasheet HTML 44Page - Microchip Technology MCS3142 Datasheet HTML 45Page - Microchip Technology MCS3142 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
PC Application
 2014 Microchip Technology Inc.
DS40001746A-page 41
Classic KEELOQ
The Counter Delta box indicates the difference between two transmitters’ sync counter
values. Since the graphic updates only to the latest transmitter received, this value is
sometimes invalid until at least two transmissions from a single device are performed.
The red circle represents a simplified Synchronization window as shown in Figure 8-8.
The size of the pie is arbitrary, but the technique is fundamental.
FIGURE 8-8:
SYNCHRONIZATION WINDOW FOR THE CLASSIC KEELOQ
ALGORITHM
The synchronization counter is an always-incrementing event counter. It increments
whenever a new packet is prepared on the transmitter. Each time a transmission is
authenticated, the intended function is executed and the transmission’s synchroniza-
tion counter value is stored in EEPROM. From the currently stored counter value there
is an initial “Single Operation” forward window of 16 codes. This 16-code “window” is
represented by the dotted blue line. The current sync value is represented by the black
line and the previous received by the blue line.
FIGURE 8-9:
COUNTER DELTA 1
If the difference between a received synchronization counter and the last stored
counter is within 16, the intended function will be executed on the single button press
and the new synchronization counter will be stored. Storing the new synchronization
counter value effectively rotates the entire Synchronization window.
Note: The proportional aspects of the pie have been manipulated so that it is
easier to view the fundamental operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com