Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCM600U Datasheet(PDF) 5 Page - Artesyn Technologies

Part # LCM600U
Description  600 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM600U Datasheet(HTML) 5 Page - Artesyn Technologies

  LCM600U Datasheet HTML 1Page - Artesyn Technologies LCM600U Datasheet HTML 2Page - Artesyn Technologies LCM600U Datasheet HTML 3Page - Artesyn Technologies LCM600U Datasheet HTML 4Page - Artesyn Technologies LCM600U Datasheet HTML 5Page - Artesyn Technologies LCM600U Datasheet HTML 6Page - Artesyn Technologies LCM600U Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LCM600 Data Sheet
190,5 0,5
18,5 REF
50
(2X)10,6
(2X)6 0,5
(2X)182,5 0,5
(2X)10 0,5
(2X)177,5 0,5
LED (AC OK)
LED (DC/OK FAIL)
INPUT TERMINAL BLOCK
SEE NOTE 8
POS - SK4
NEG - SK5
SK2 SIGNAL CONNECTOR - 20WAY
SCREW-MC PHILIP PAN
WITH EXT-T WASHER
M3.5 x P0.6 x 6
(8X) MOUNTING LOCATIONS
BOTH SIDES
M4X0.7P THREAD
SEE NOTE 7
(4X) MOUNTING LOCATIONS
M4X0.7P THREAD
SEE NOTE 7
PROVISION FOR FUTURE
LABEL REQUIREMENTS
SEE DETAIL A
PRODUCT LABEL
SEE DETAIL B (TRIMPOT LOCATION)
SCALE 8:5
DETAIL A
GROUND
NUETRAL
LIVE
DETAIL B
(TRIMPOT LOCATION)
VOLTAGE ADJUSTMENT:
CLOCKWISE - INCREASE VOLTAGE
COUNTER CLOCKWISE - DECREASE VOLTAGE
Mechanical Drawings – Terminal Block Input
Old Mechanical Reference Drawing:
Weight: 2.84 lbs (1.29 Kg)
Note 7 - RECOMMENDED SCREW TORQUE:
M3.5x0.6P = 6-8kgf-cm
M4.0x0.7P = 8-10kfg-cm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com