Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RC-24PI Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51RC-24PI
Description  8-bit Microcontroller with 32K Bytes Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RC-24PI Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51RC-24PI Datasheet HTML 17Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 18Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 19Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 20Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 21Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 22Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 23Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 24Page - ATMEL Corporation AT89C51RC-24PI Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
AT89C51RC
1920B–MICRO–11/02
Figure 9. External Clock Drive Configuration
Program Memory
Lock Bits
The AT89C51RC has three lock bits that can be left unprogrammed (U) or can be pro-
grammed (P) to obtain the additional features listed in the following table.
When lock bit 1 is programmed, the logic level at the EA pin is sampled and latched dur-
ing reset. If the device is powered up without a reset, the latch initializes to a random
value and holds that value until reset is activated. The latched value of EA must agree
with the current logic level at that pin in order for the device to function properly.
XTAL2
XTAL1
GND
NC
EXTERNAL
OSCILLATOR
SIGNAL
Table 6. Status of External Pins During Idle and Power-down Modes
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Table 7. Lock Bit Protection Modes
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features
2
P
U
U
MOVC instructions executed from external program
memory are disabled from fetching code bytes from
internal memory, EA is sampled and latched on reset,
and further programming of the Flash memory is
disabled
3
P
P
U
Same as mode 2, but verify is also disabled
4
P
P
P
Same as mode 3, but external execution is also
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com