Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM148 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM148
Description  Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM148 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM148 Datasheet HTML 3Page - National Semiconductor (TI) LM148 Datasheet HTML 4Page - National Semiconductor (TI) LM148 Datasheet HTML 5Page - National Semiconductor (TI) LM148 Datasheet HTML 6Page - National Semiconductor (TI) LM148 Datasheet HTML 7Page - National Semiconductor (TI) LM148 Datasheet HTML 8Page - National Semiconductor (TI) LM148 Datasheet HTML 9Page - National Semiconductor (TI) LM148 Datasheet HTML 10Page - National Semiconductor (TI) LM148 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Application Hints
The LM148 series are quad low power 741 op amps. In the
proliferation of quad op amps, these are the first to offer the
convenience of familiar, easy to use operating characteris-
tics of the 741 op amp. In those applications where 741 op
amps have been employed, the LM148 series op amps can
be employed directly with no change in circuit performance.
The package pin-outs are such that the inverting input of
each amplifier is adjacent to its output. In addition, the
amplifier outputs are located in the corners of the package
which simplifies PC board layout and minimizes package
related capacitive coupling between amplifiers.
The input characteristics of these amplifiers allow differential
input voltages which can exceed the supply voltages. In
addition, if either of the input voltages is within the operating
common-mode range, the phase of the output remains cor-
rect. If the negative limit of the operating common-mode
range is exceeded at both inputs, the output voltage will be
positive. For input voltages which greatly exceed the maxi-
mum supply voltages, either differentially or common-mode,
resistors should be placed in series with the inputs to limit
the current.
Like the LM741, these amplifiers can easily drive a 100 pF
capacitive load throughout the entire dynamic output voltage
and current range. However, if very large capacitive loads
must be driven by a non-inverting unity gain amplifier, a
resistor should be placed between the output (and feedback
connection) and the capacitance to reduce the phase shift
resulting from the capacitive loading.
The output current of each amplifier in the package is limited.
Short circuits from an output to either ground or the power
supplies will not destroy the unit. However, if multiple output
shorts occur simultaneously, the time duration should be
short to prevent the unit from being destroyed as a result of
excessive power dissipation in the IC chip.
As with most amplifiers, care should be taken lead dress,
component placement and supply decoupling in order to
ensure stability. For example, resistors from the output to an
input should be placed with the body close to the input to
minimize “pickup” and maximize the frequency of the feed-
back pole which capacitance from the input to ground cre-
ates.
A feedback pole is created when the feedback around any
amplifier is resistive. The parallel resistance and capacitance
from the input of the device (usually the inverting input) to AC
ground set the frequency of the pole. In many instances the
frequency of this pole is much greater than the expected 3
dB frequency of the closed loop gain and consequently there
is negligible effect on stability margin. However, if the feed-
back pole is less than approximately six times the expected
3 dB frequency a lead capacitor should be placed from the
output to the input of the op amp. The value of the added
capacitor should be such that the RC time constant of this
capacitor and the resistance it parallels is greater than or
equal to the original feedback pole time constant.
Typical Applications—LM148
One Decade Low Distortion Sinewave Generator
00778608
fMAX = 5 kHz, THD ≤ 0.03%
R1 = 100k pot. C1 = 0.0047 µF, C2 = 0.01 µF, C3 = 0.1 µF, R2 = R6 = R7 = 1M,
R3 = 5.1k, R4 = 12
Ω,R5=240Ω, Q = NS5102, D1 = 1N914, D2 = 3.6V avalanche
diode (ex. LM103), VS = ±15V
A simpler version with some distortion degradation at high frequencies can be made by using A1 as a simple inverting amplifier, and by putting back to back
zeners in the feedback loop of A3.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com