Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7C1024A-15JC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C1024A-15JC
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A-15JC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C1024A-15JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A-15JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 8 of 9
®
Package dimensions
32-pin SOJ 300
mil
32-pin SOJ 400
mil
Min
Max
Min
Max
A
-
0.145
-
0.145
A1
0.025
-
0.025
-
A2
0.086
0.105
0.086
0.115
B
0.026
0.032
0.026
0.032
b
0.014
0.020
0.015
0.020
c
0.006
0.013
0.007
0.013
D
0.820
0.830
0.820
0.830
E
0.250
0.275
0.360
0.380
E1
0.292
0.305
0.395
0.405
E2
0.330
0.340
0.435
0.445
e
0.050 BSC
0.050 BSC
32-pin TSOP 8×20 mm
Min
Max
A
–
1.20
A1
0.05
0.15
A2
0.95
1.05
b
0.17
0.27
c
0.10
0.21
D
18.20
18.60
e
0.50 nominal
E
7.80
8.20
Hd
19.80
20.20
L
0.50
0.70
α
0°
5°
Seating
Plane
e
b
E
Hd
D
α
c
L
A1
A
A2
pin 1
pin 32
pin 16
pin 17
Pin 1
D
e
E1 E2
A1
B
b
A
A2
E
c



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com