Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTA10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA10
Description  10A TRIACS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA10 Datasheet(HTML) 3 Page - STMicroelectronics

  BTA10 Datasheet HTML 1Page - STMicroelectronics BTA10 Datasheet HTML 2Page - STMicroelectronics BTA10 Datasheet HTML 3Page - STMicroelectronics BTA10 Datasheet HTML 4Page - STMicroelectronics BTA10 Datasheet HTML 5Page - STMicroelectronics BTA10 Datasheet HTML 6Page - STMicroelectronics BTA10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTA10 and BTB10 Series
3/7
Table 6: Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
TO-220AB
1.5
°C/W
TO-220AB Insulated
2.4
Rth(j-a)
Junction to ambient
TO-220AB
60
°C/W
TO-220AB Insulated
Figure 1: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2: RMS on-state current versus case
temperature (full cycle)
Figure 3: Relative
variation
of
thermal
impedance versus pulse duration
Figure 4: On-state characteristics (maximum
values)
P(W)
01
234
5
6
789
10
0
1
2
3
4
5
6
7
8
9
10
11
12
13
I
(A)
T(RMS)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
8
9
10
11
12
I
(A)
T(RMS)
T (°C)
C
BTA
BTB
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-a)
Zth(j-c)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 40 m
j
t0
d
Ω
T=
j
T max.
j
T = 25°C
j



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com