Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

106MHBA02K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 106MHBA02K
Description  Small size - High voltage ??High Capacitance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106MHBA02K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  106MHBA02K Datasheet HTML 1Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 2Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 3Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 4Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 5Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 6Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 7Page - Illinois Capacitor, Inc. 106MHBA02K Datasheet HTML 8Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Lead styles
2 leads
Length (L)
32
41.5
42.5
57.5
Lead spacing (S)
27.5
37.5
37.5
52.5
Lead Length (LL)
5mm +/-1 mm
4 leads
Length (L)
32
41.5
42.5
57.5
Lead spacing (S)
27.5
37.5
37.5
52.5
Lead Spacing (P)
See part listing
Lead Length (LL)
5mm +/-1 mm
6 leads
Length (L)
32
41.5
42.5
57.5
Lead spacing (S)
27.5
37.5
37.5
52.5
Lead Spacing (P)
See part listing
Lead Length (LL)
5mm +/-1 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com