| Electronic Components Datasheet Search |
|
187FSR310XTAC Datasheet(PDF) 2 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
187FSR310XTAC Datasheet(HTML) 2 Page - Illinois Capacitor, Inc. |
|
2 / 4 page ![]() FSR +55°C, photoflash Radial lead Capacitance (µF) WVDC IC PART NUMBER Maximum ESR (Ω) 120 Hz, +20°C LC (µA) 20°C, 5 minutes Dims DxL (mm) 30 300 306FSR300XZ2BW 2.947 30 9.2x16 30 300 306FSR300XZ5BD 2.947 30 9.5x15 30 310 306FSR310XZ2BS 2.947 30 9.2x17 30 330 306FSR330Z2BF 2.947 30 9.2x18 47 300 476FSR300XG3BF 1.881 47 10.3x18 47 300 476FSR300XGRK 1.881 47 10x19 47 300 476FSR300XZ2JJ 1.881 47 9.2x22 47 300 476FSR300XZ5JB 1.881 47 9.5x21 47 310 476FSR310XZ2JA 1.881 47 9.2x23 47 310 476FSR310XZ5JJ 1.881 47 9.5x22 47 330 476FSR330XGJB 1.881 47 10x21 47 330 476FSR330XZ2JC 1.881 47 9.2x24 47 330 476FSR330XZ5JA 1.881 47 9.5x23 50 300 506FSR300XBBS 1.768 50 11x17 50 300 506FSR300XG3BK 1.768 50 10.3x19 50 300 506FSR300XG6BF 1.768 50 10.6x18 50 300 506FSR300XGJG 1.768 50 10x20 50 300 506FSR300XZ2JA 1.768 50 9.2x23 50 300 506FSR300XZ5JJ 1.768 50 9.5x22 50 310 506FSR310XGJG 1.768 50 10x20 50 310 506FSR310XZ2JC 1.768 50 9.2x24 50 310 506FSR310XZ5JA 1.768 50 9.5x23 50 330 506FSR330XG3JG 1.768 50 10.3x20 50 330 506FSR330XGJJ 1.768 50 10x22 50 330 506FSR330XZ2JD 1.768 50 9.2x25 50 330 506FSR330XZ5JC 1.768 50 9.5x24 50 360 506FSR360XG3JC 1.768 50 10.3x24 50 360 506FSR360XG6JA 1.768 50 10.6x23 50 360 506FSR360XGJW 1.768 50 10x26 50 360 506FSR360XZ2AB 1.768 50 9.2x31 50 360 506FSR360XZ5JK 1.768 50 9.5x29 55 300 556FSR300XBBF 1.608 55 11x18 55 300 556FSR300XG3JG 1.608 55 10.3x20 55 300 556FSR300XG6BK 1.608 55 10.6x19 55 300 556FSR300XGJB 1.608 55 10x21 55 300 556FSR300XHBC 1.608 55 12x14 55 300 556FSR300XZ2JD 1.608 55 9.2x25 55 300 556FSR300XZ5JC 1.608 55 9.5x24 55 310 556FSR310XG3JB 1.608 55 10.3x21 55 310 556FSR310XGJJ 1.608 55 10x22 55 310 556FSR310XZ2JW 1.608 55 9.2x26 55 310 556FSR310XZ5JD 1.608 55 9.5x25 55 330 556FSR330XG3JJ 1.608 55 10.3x22 55 330 556FSR330XG6JB 1.608 55 10.6x21 55 330 556FSR330XGJA 1.608 55 10x23 55 330 556FSR330XZ2JS 1.608 55 9.2x27 55 330 556FSR330XZ5JW 1.608 55 9.5x26 60 300 606FSR300XBBK 1.474 60 11x19 60 300 606FSR300XG3JJ 1.474 60 10.3x22 60 300 606FSR300XG6JG 1.474 60 10.6x20 60 300 606FSR300XGJA 1.474 60 10x23 60 300 606FSR300XHBD 1.474 60 12x15 60 300 606FSR300XZ2JS 1.474 60 9.2x27 60 300 606FSR300XZ5JW 1.474 60 9.5x26 60 310 606FSR310XG3JJ 1.474 60 10.3x22 60 310 606FSR310XG6JB 1.474 60 10.6x21 60 310 606FSR310XGJA 1.474 60 10x23 60 310 606FSR310XZ2JF 1.474 60 9.2x28 Capacitance (µF) WVDC IC PART NUMBER Maximum ESR (Ω) 120 Hz, +20°C LC (µA) 20°C, 5 minutes Dims DxL (mm) 60 310 606FSR310XZ5JW 1.474 60 9.5x26 60 330 606FSR330XBJG 1.474 60 11x20 60 330 606FSR330XG3JA 1.474 60 10.3x23 60 330 606FSR330XG6JJ 1.474 60 10.6x22 60 330 606FSR330XGJD 1.474 60 10x25 60 330 606FSR330XZ2JK 1.474 60 9.2x29 60 330 606FSR330XZ5JS 1.474 60 9.5x27 60 360 606FSR360XBJC 1.474 60 11x24 60 360 606FSR360XG3JF 1.474 60 10.3x28 60 360 606FSR360XG6JW 1.474 60 10.6x26 60 360 606FSR360XGAG 1.474 60 10x30 60 360 606FSR360XZ2AW 1.474 60 9.2x36 60 360 606FSR360XZ5AA 1.474 60 9.5x33 70 300 706FSR300XBJB 1.263 70 11x21 70 300 706FSR300XG3JC 1.263 70 10.3x24 70 300 706FSR300XG6JJ 1.263 70 10.6x22 70 300 706FSR300XGJD 1.263 70 10x25 70 300 706FSR300XHBS 1.263 70 12x17 70 300 706FSR300XTBW 1.263 70 12.5x16 70 300 706FSR300XZ2AG 1.263 70 9.2x30 70 300 706FSR300XZ5JK 1.263 70 9.5x29 70 310 706FSR310XBJJ 1.263 70 11x22 70 310 706FSR310XG3JD 1.263 70 10.3x25 70 310 706FSR310XG6JA 1.263 70 10.6x23 70 310 706FSR310XGJW 1.263 70 10x26 70 310 706FSR310XHBS 1.263 70 12x17 70 310 706FSR310XZ2AB 1.263 70 9.2x31 70 310 706FSR310XZ5AG 1.263 70 9.5x30 70 330 706FSR330XBJA 1.263 70 11x23 70 330 706FSR330XG3JW 1.263 70 10.3x26 70 330 706FSR330XG6JD 1.263 70 10.6x25 70 330 706FSR330XGJS 1.263 70 10x27 70 330 706FSR330XHBF 1.263 70 12x18 70 330 706FSR330XZ2AA 1.263 70 9.2x33 70 330 706FSR330XZ5AB 1.263 70 9.5x31 80 300 806FSR300XBJA 1.105 80 11x22 80 300 806FSR300XGJF 1.105 80 10x28 80 300 806FSR300XHBF 1.105 80 12x18 80 300 806FSR300XTBS 1.105 80 12.5x17 80 300 806FSR300XZ2A 1.105 80 9.2x34 80 300 806FSR300XZ5AA 1.105 80 9.5x33 80 310 806FSR310XBJC 1.105 80 11x24 80 310 806FSR310XG3JF 1.105 80 10.3x28 80 310 806FSR310XG6JW 1.105 80 10.6x26 80 310 806FSR310XGJK 1.105 80 10x29 80 310 806FSR310XHBK 1.105 80 12x19 80 310 806FSR310XTBF 1.105 80 12.5x18 80 310 806FSR310XZ2AD 1.105 80 9.2x35 80 310 806FSR310XZ5AA 1.105 80 9.5x33 80 330 806FSR330XBJD 1.105 80 11x25 80 330 806FSR330XG3JK 1.105 80 10.3x29 80 330 806FSR330XG6JS 1.105 80 10.6x27 80 330 806FSR330XGAG 1.105 80 10x30 80 330 806FSR330XHJG 1.105 80 12x20 80 330 806FSR330XTBK 1.105 80 12.5x19 80 330 806FSR330XZ2AS 1.105 80 9.2x37 80 330 806FSR330XZ5AC 1.105 80 9.5x34 80 360 806FSR360XBAG 1.105 80 11x30 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |