| Electronic Components Datasheet Search |
|
CS8405 Datasheet(PDF) 14 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8405 Datasheet(HTML) 14 Page - Cirrus Logic |
|
14 / 36 page ![]() CS8405A 14 DS469PP4 6. CONTROL PORT DESCRIPTION AND TIMING The control port is used to access the registers, al- lowing the CS8405A to be configured for the de- sired operational modes and formats. In addition, Channel Status and User data may be read and writ- ten through the control port. The operation of the control port may be completely asynchronous with respect to the audio sample rate. The control port has two modes: SPI and Two- Wire, with the CS8405A acting as a slave device. SPI mode is selected if there is a high to low tran- sition on the AD0/CS pin after the RST pin has been brought high. Two-Wire mode is selected by connecting the AD0/CS pin to VL+ or DGND, thereby permanently selecting the desired AD0 bit address state. 6.1 SPI Mode In SPI mode, CS is the CS8405A chip select signal, CCLK is the control port bit clock (input into the CS8405A from the microcontroller); CDIN is the input data line from the microcontroller; and CD- OUT is the output data line to the microcontroller. Data is clocked in on the rising edge of CCLK and out on the falling edge. Figure 8 shows the operation of the control port in SPI mode. To write to a register, bring CS low. The first seven bits on CDIN form the chip address and must be 0010000. The eighth bit is a read/write in- dicator (R/W), which should be low to write. The next eight bits form the Memory Address Pointer (MAP), which is set to the address of the register that is to be updated. The next eight bits are the data which will be placed into the register designated by the MAP. During writes, the CDOUT output stays in the Hi-Z state. It may be externally pulled high or low with a 47 k Ω resistor, if desired. There is a MAP auto increment capability, enabled by the INCR bit in the MAP register. If INCR is a zero, the MAP will stay constant for successive read or writes. If INCR is set to a 1, then the MAP will auto increment after each byte is read or writ- ten, allowing block reads or writes of successive registers. To read a register, the MAP has to be set to the cor- rect address by executing a partial write cycle which finishes (CS high) immediately after the MA P MSB LSB DATA byte 1 by te n R/W R/W AD D R ESS CH IP ADDRESS CHI P CD IN CCL K CS CD OU T MSB LSB MSB LSB 0010000 0010000 MAP = Memory Address Pointer, 8 bits, MSB first High Impedance Figure 8. Control Port Timing in SPI Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |