| Electronic Components Datasheet Search |
|
158LMB050M2AC Datasheet(PDF) 5 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
158LMB050M2AC Datasheet(HTML) 5 Page - Illinois Capacitor, Inc. |
|
5 / 7 page ![]() LMB +105°C, Extended life, 3000 hours Capacitance (µF) WVDC IC PART NUMBER Maximum ESR (mΩ) 120 Hz, +20°C Maximum RMS Ripple Current (A) 120 Hz, +105°C Dims DxL (mm) 1000 200 108LMB200M2DE 248.68 2.4 30x35 1000 200 108LMB200M2ED 248.68 2.58 35x30 1000 250 108LMB250M2EF 248.68 2.56 35x40 1000 250 108LMB250M2DH 248.68 2.7 30x50 1200 63 128LMB063M2AD 414.466 1.43 20x30 1200 63 128LMB063M2BC 414.466 1.4 22x25 1200 80 128LMB080M2BD 345.388 1.5 22x30 1200 80 128LMB080M2CC 345.388 1.43 25x25 1200 100 128LMB100M2AF 276.311 1.61 20x40 1200 100 128LMB100M2BE 276.311 1.69 22x35 1200 100 128LMB100M2CD 276.311 1.68 25x30 1200 160 128LMB160M2DF 207.233 2.49 30x40 1200 160 128LMB160M2CH 207.233 2.43 25x50 1200 160 128LMB160M2DE 207.233 2.4 30x35 1200 160 128LMB160M2ED 207.233 2.41 35x30 1200 200 128LMB200M2DG 207.233 2.65 30x45 1200 200 128LMB200M2EE 207.233 2.85 35x35 1200 250 128LMB250M2EG 207.233 2.85 35x45 1500 50 158LMB050M2AC 386.835 1.29 20x25 1500 50 158LMB050M2BC 386.835 1.05 22x25 1500 63 158LMB063M2BD 331.573 1.43 22x30 1500 63 158LMB063M2CC 331.573 1.42 25x25 1500 63 158LMB063M2AE 331.573 1.52 20x35 1500 80 158LMB080M2AE 276.311 1.57 20x35 1500 80 158LMB080M2BD 276.311 1.59 22x30 1500 80 158LMB080M2CC 276.311 1.59 25x25 1500 80 158LMB080M2BE 276.311 1.6 22x35 1500 80 158LMB080M2CD 276.311 1.63 25x30 1500 80 158LMB080M2DC 276.311 1.21 30x25 1500 100 158LMB100M2BF 221.048 1.94 22x40 1500 100 158LMB100M2CE 221.048 2.01 25x35 1500 100 158LMB100M2DC 221.048 1.98 30x25 1500 160 158LMB160M2DG 165.786 2.88 30x45 1500 160 158LMB160M2EE 165.786 2.84 35x35 1500 200 158LMB200M2EF 165.786 3.08 35x40 1500 200 158LMB200M2EG 165.786 3.25 35x45 1500 250 158LMB250M2EH 165.786 3.28 35x50 1800 50 188LMB050M2AD 322.362 1.53 20x30 1800 50 188LMB050M2BC 322.362 1.5 22x25 1800 63 188LMB063M2AE 276.311 1.72 20x35 1800 63 188LMB063M2BD 276.311 1.7 22x30 1800 63 188LMB063M2CC 276.311 1.7 25x25 1800 80 188LMB080M2AF 230.259 1.77 20x40 1800 80 188LMB080M2BE 230.259 1.79 22x35 1800 80 188LMB080M2CD 230.259 1.71 25x30 1800 100 188LMB100M2BG 184.207 2.23 22x45 1800 100 188LMB100M2CF 184.207 2.2 25x40 1800 100 188LMB100M2DD 184.207 2.2 30x30 1800 160 188LMB160M2DH 138.155 3.32 30x50 1800 160 188LMB160M2EG 138.155 3 35x45 1800 160 188LMB160M2EF 138.155 3.28 35x40 1800 200 188LMB200M2EH 138.155 3.68 35x50 1800 200 188LMB200M2EG 138.155 3.48 35x45 2200 35 228LMB035M2BC 263.751 1.17 22x25 2200 50 228LMB050M2BD 263.751 1.31 22x30 2200 50 228LMB050M2CC 263.751 1.25 25x25 2200 50 228LMB050M2AE 263.751 1.72 20x35 2200 63 228LMB063M2BF 226.072 2.01 22x40 Capacitance (µF) WVDC IC PART NUMBER Maximum ESR (mΩ) 120 Hz, +20°C Maximum RMS Ripple Current (A) 120 Hz, +105°C Dims DxL (mm) 2200 63 228LMB063M2CE 226.072 2 25x35 2200 63 228LMB063M2BE 226.072 1.8 22x35 2200 63 228LMB063M2CD 226.072 1.35 25x30 2200 63 228LMB063M2DC 226.072 1.73 30x25 2200 80 228LMB080M2BH 188.394 2.04 22x50 2200 80 228LMB080M2CE 188.394 1.98 25x35 2200 80 228LMB080M2DD 188.394 2.05 30x30 2200 80 228LMB080M2EC 188.394 1.61 35x25 2200 80 228LMB080M2BF 188.394 2.03 22x40 2200 80 228LMB080M2DC 188.394 1.98 30x25 2200 100 228LMB100M2ED 150.715 2.6 35x30 2200 100 228LMB100M2CG 150.715 2.55 25x45 2200 100 228LMB100M2DE 150.715 2.56 30x35 2200 160 228LMB160M2EG 113.036 3.5 35x45 2700 35 278LMB035M2AC 245.61 1.62 20x25 2700 50 278LMB050M2AE 214.908 1.82 20x35 2700 50 278LMB050M2BD 214.908 1.8 22x30 2700 50 278LMB050M2CC 214.908 1.8 25x25 2700 63 278LMB063M2BF 184.207 2.2 22x40 2700 63 278LMB063M2CE 184.207 2.2 25x35 2700 63 278LMB063M2DC 184.207 2.2 30x25 2700 80 278LMB080M2BG 153.506 2.39 22x45 2700 80 278LMB080M2CF 153.506 2.35 25x40 2700 80 278LMB080M2DD 153.506 2.35 30x30 2700 100 278LMB100M2CH 122.805 2.82 25x50 2700 100 278LMB100M2DF 122.805 2.86 30x40 2700 100 278LMB100M2EE 122.805 2.9 35x35 3300 25 338LMB025M2BC 200.953 1.34 22x25 3300 35 338LMB035M2BC 200.953 1.43 22x25 3300 35 338LMB035M2CC 200.953 1.36 25x25 3300 35 338LMB035M2AD 200.953 1.94 20x30 3300 50 338LMB050M2AF 175.834 2.01 20x40 3300 50 338LMB050M2BE 175.834 1.94 22x35 3300 50 338LMB050M2CD 175.834 1.98 25x30 3300 50 338LMB050M2DC 175.834 1.5 30x25 3300 63 338LMB063M2BG 150.715 2.31 22x45 3300 63 338LMB063M2CE 150.715 2.23 25x35 3300 63 338LMB063M2DD 150.715 2.19 30x30 3300 63 338LMB063M2EC 150.715 1.73 35x25 3300 80 338LMB080M2CG 125.596 2.74 25x45 3300 80 338LMB080M2DE 125.596 2.75 30x35 3300 80 338LMB080M2ED 125.596 2.7 35x30 3300 100 338LMB100M2DG 100.477 3.3 30x45 3300 100 338LMB100M2EE 100.477 3.28 35x35 3900 25 398LMB025M2AC 191.292 1.72 20x25 3900 35 398LMB035M2AE 170.037 2.02 20x35 3900 35 398LMB035M2BD 170.037 2 22x30 3900 50 398LMB050M2BF 148.783 2.23 22x40 3900 50 398LMB050M2CD 148.783 2.2 25x30 3900 50 398LMB050M2DC 148.783 2.2 30x25 3900 63 398LMB063M2CF 127.528 2.57 25x40 3900 63 398LMB063M2DE 127.528 2.7 30x35 3900 80 398LMB080M2CH 106.273 2.92 25x50 3900 80 398LMB080M2DF 106.273 2.82 30x40 3900 80 398LMB080M2ED 106.273 2.97 35x30 3900 100 398LMB100M2DH 85.0187 3.6 30x50 3900 100 398LMB100M2EF 85.0187 3.67 35x40 4700 25 478LMB025M2AD 158.732 2.04 20x30 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |