Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1626U Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1626U
Description  High-Precision 3-Wire Digital Thermometer and Thermostat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1626U Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1626U Datasheet HTML 5Page - Dallas Semiconductor DS1626U Datasheet HTML 6Page - Dallas Semiconductor DS1626U Datasheet HTML 7Page - Dallas Semiconductor DS1626U Datasheet HTML 8Page - Dallas Semiconductor DS1626U Datasheet HTML 9Page - Dallas Semiconductor DS1626U Datasheet HTML 10Page - Dallas Semiconductor DS1626U Datasheet HTML 11Page - Dallas Semiconductor DS1626U Datasheet HTML 12Page - Dallas Semiconductor DS1626U Datasheet HTML 13Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
DS1626/DS1726
13 of 13
DS1626/DS1726 COMMAND SET
The DS1626/DS1726 command set is detailed below:
Start Convert T
51h
0101 0001
Initiates temperature conversions. If the DS1626/DS1726 are in one-shot mode (1SHOT = 1), only one
conversion will be performed. If the devices are in continuous mode (1SHOT = 0), continuous
conversions will be performed until a Stop Convert T command is issued.
Stop Convert T
22h
0010 0010
Stops temperature conversions when the devices are in continuous conversion mode (1SHOT = 0).
Read Temperature
AAh 1010 1010
Reads the last converted temperature value from the temperature register.
Read TH
A1h
1010 0001
Reads the 12-bit TH register.
Read TL
A2h
1010 0010
Reads the 12-bit TL register.
Write TH*
01h
0000 0001
Writes the 12-bit TH register.
Write TL*
02h
0000 0010
Writes the 12-bit TL register.
Read Config
ACh 1010 1100
Reads the 1-byte configuration register.
Write Config*
0Ch 0000 1100
Writes the 1-byte configuration register.
Software POR
54h
0101 0100
Initiates a software power-on reset (POR), which stops temperature conversions and resets all registers
and logic to their power-up states. The software POR allows the user to simulate cycling the power
without actually powering down the device.
*After issuing a write command, no further writes should be requested for at least 10ms due to the
EEPROM write cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com