Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

189LMB016M2CF Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 189LMB016M2CF
Description  Multiple Case Sizes - High Voltage ??High Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

189LMB016M2CF Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  189LMB016M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 189LMB016M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 189LMB016M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 189LMB016M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc. 189LMB016M2CF Datasheet HTML 5Page - Illinois Capacitor, Inc. 189LMB016M2CF Datasheet HTML 6Page - Illinois Capacitor, Inc. 189LMB016M2CF Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
1000
200
108LMB200M2DE 248.68
2.4
30x35
1000
200
108LMB200M2ED 248.68
2.58
35x30
1000
250
108LMB250M2EF
248.68
2.56
35x40
1000
250
108LMB250M2DH 248.68
2.7
30x50
1200
63
128LMB063M2AD 414.466
1.43
20x30
1200
63
128LMB063M2BC 414.466
1.4
22x25
1200
80
128LMB080M2BD 345.388
1.5
22x30
1200
80
128LMB080M2CC 345.388
1.43
25x25
1200
100
128LMB100M2AF 276.311
1.61
20x40
1200
100
128LMB100M2BE 276.311
1.69
22x35
1200
100
128LMB100M2CD 276.311
1.68
25x30
1200
160
128LMB160M2DF 207.233
2.49
30x40
1200
160
128LMB160M2CH 207.233
2.43
25x50
1200
160
128LMB160M2DE 207.233
2.4
30x35
1200
160
128LMB160M2ED 207.233
2.41
35x30
1200
200
128LMB200M2DG 207.233
2.65
30x45
1200
200
128LMB200M2EE 207.233
2.85
35x35
1200
250
128LMB250M2EG 207.233
2.85
35x45
1500
50
158LMB050M2AC 386.835
1.29
20x25
1500
50
158LMB050M2BC 386.835
1.05
22x25
1500
63
158LMB063M2BD 331.573
1.43
22x30
1500
63
158LMB063M2CC 331.573
1.42
25x25
1500
63
158LMB063M2AE 331.573
1.52
20x35
1500
80
158LMB080M2AE 276.311
1.57
20x35
1500
80
158LMB080M2BD 276.311
1.59
22x30
1500
80
158LMB080M2CC 276.311
1.59
25x25
1500
80
158LMB080M2BE 276.311
1.6
22x35
1500
80
158LMB080M2CD 276.311
1.63
25x30
1500
80
158LMB080M2DC 276.311
1.21
30x25
1500
100
158LMB100M2BF 221.048
1.94
22x40
1500
100
158LMB100M2CE 221.048
2.01
25x35
1500
100
158LMB100M2DC 221.048
1.98
30x25
1500
160
158LMB160M2DG 165.786
2.88
30x45
1500
160
158LMB160M2EE 165.786
2.84
35x35
1500
200
158LMB200M2EF 165.786
3.08
35x40
1500
200
158LMB200M2EG 165.786
3.25
35x45
1500
250
158LMB250M2EH 165.786
3.28
35x50
1800
50
188LMB050M2AD 322.362
1.53
20x30
1800
50
188LMB050M2BC 322.362
1.5
22x25
1800
63
188LMB063M2AE 276.311
1.72
20x35
1800
63
188LMB063M2BD 276.311
1.7
22x30
1800
63
188LMB063M2CC 276.311
1.7
25x25
1800
80
188LMB080M2AF 230.259
1.77
20x40
1800
80
188LMB080M2BE 230.259
1.79
22x35
1800
80
188LMB080M2CD 230.259
1.71
25x30
1800
100
188LMB100M2BG 184.207
2.23
22x45
1800
100
188LMB100M2CF 184.207
2.2
25x40
1800
100
188LMB100M2DD 184.207
2.2
30x30
1800
160
188LMB160M2DH 138.155
3.32
30x50
1800
160
188LMB160M2EG 138.155
3
35x45
1800
160
188LMB160M2EF 138.155
3.28
35x40
1800
200
188LMB200M2EH 138.155
3.68
35x50
1800
200
188LMB200M2EG 138.155
3.48
35x45
2200
35
228LMB035M2BC 263.751
1.17
22x25
2200
50
228LMB050M2BD 263.751
1.31
22x30
2200
50
228LMB050M2CC 263.751
1.25
25x25
2200
50
228LMB050M2AE 263.751
1.72
20x35
2200
63
228LMB063M2BF 226.072
2.01
22x40
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
2200
63
228LMB063M2CE 226.072
2
25x35
2200
63
228LMB063M2BE 226.072
1.8
22x35
2200
63
228LMB063M2CD 226.072
1.35
25x30
2200
63
228LMB063M2DC 226.072
1.73
30x25
2200
80
228LMB080M2BH 188.394
2.04
22x50
2200
80
228LMB080M2CE 188.394
1.98
25x35
2200
80
228LMB080M2DD 188.394
2.05
30x30
2200
80
228LMB080M2EC 188.394
1.61
35x25
2200
80
228LMB080M2BF 188.394
2.03
22x40
2200
80
228LMB080M2DC 188.394
1.98
30x25
2200
100
228LMB100M2ED 150.715
2.6
35x30
2200
100
228LMB100M2CG 150.715
2.55
25x45
2200
100
228LMB100M2DE 150.715
2.56
30x35
2200
160
228LMB160M2EG 113.036
3.5
35x45
2700
35
278LMB035M2AC 245.61
1.62
20x25
2700
50
278LMB050M2AE 214.908
1.82
20x35
2700
50
278LMB050M2BD 214.908
1.8
22x30
2700
50
278LMB050M2CC 214.908
1.8
25x25
2700
63
278LMB063M2BF 184.207
2.2
22x40
2700
63
278LMB063M2CE 184.207
2.2
25x35
2700
63
278LMB063M2DC 184.207
2.2
30x25
2700
80
278LMB080M2BG 153.506
2.39
22x45
2700
80
278LMB080M2CF 153.506
2.35
25x40
2700
80
278LMB080M2DD 153.506
2.35
30x30
2700
100
278LMB100M2CH 122.805
2.82
25x50
2700
100
278LMB100M2DF 122.805
2.86
30x40
2700
100
278LMB100M2EE 122.805
2.9
35x35
3300
25
338LMB025M2BC 200.953
1.34
22x25
3300
35
338LMB035M2BC 200.953
1.43
22x25
3300
35
338LMB035M2CC 200.953
1.36
25x25
3300
35
338LMB035M2AD 200.953
1.94
20x30
3300
50
338LMB050M2AF 175.834
2.01
20x40
3300
50
338LMB050M2BE 175.834
1.94
22x35
3300
50
338LMB050M2CD 175.834
1.98
25x30
3300
50
338LMB050M2DC 175.834
1.5
30x25
3300
63
338LMB063M2BG 150.715
2.31
22x45
3300
63
338LMB063M2CE 150.715
2.23
25x35
3300
63
338LMB063M2DD 150.715
2.19
30x30
3300
63
338LMB063M2EC 150.715
1.73
35x25
3300
80
338LMB080M2CG 125.596
2.74
25x45
3300
80
338LMB080M2DE 125.596
2.75
30x35
3300
80
338LMB080M2ED 125.596
2.7
35x30
3300
100
338LMB100M2DG 100.477
3.3
30x45
3300
100
338LMB100M2EE 100.477
3.28
35x35
3900
25
398LMB025M2AC 191.292
1.72
20x25
3900
35
398LMB035M2AE 170.037
2.02
20x35
3900
35
398LMB035M2BD 170.037
2
22x30
3900
50
398LMB050M2BF 148.783
2.23
22x40
3900
50
398LMB050M2CD 148.783
2.2
25x30
3900
50
398LMB050M2DC 148.783
2.2
30x25
3900
63
398LMB063M2CF 127.528
2.57
25x40
3900
63
398LMB063M2DE 127.528
2.7
30x35
3900
80
398LMB080M2CH 106.273
2.92
25x50
3900
80
398LMB080M2DF 106.273
2.82
30x40
3900
80
398LMB080M2ED 106.273
2.97
35x30
3900
100
398LMB100M2DH 85.0187
3.6
30x50
3900
100
398LMB100M2EF 85.0187
3.67
35x40
4700
25
478LMB025M2AD 158.732
2.04
20x30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com