Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM3P2182AF.08ST Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P2182AF.08ST
Description  LCD Panel EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2182AF.08ST Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P2182AF.08ST Datasheet HTML 1Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 2Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 3Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 4Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 5Page - ON Semiconductor ASM3P2182AF.08ST Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ASM3P2182A
http://onsemi.com
3
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
−0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS−0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS−0.5 to VDD+0.5
V
TSTG
Storage temperature
−55 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22−A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 5. RECOMMENDED OPERATING CONDITIONS
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
2.7
3.3
3.7
V
TA
Operating Temperature (Ambient Temperature)
0
+70
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
5
pF
Table 6. DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
−35
mA
IIH
Input high current
35
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
ICC
Dynamic supply current
Normal mode (3.3 V and 10 pF loading)
8.46
12
17.78
mA
IDD
Static supply current
Standby mode (Note 3)
0.6
mA
VDD
Operating voltage
2.7
3.3
3.7
V
tON
Power up time
(first locked clock cycle after power up)
0.18
mS
ZOUT
Clock out impedance
50
W
3. CLKIN pin is pulled low.
Table 7. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
25
210
MHz
ModOUT
Output frequency
25
210
MHz
tLH (Note 4)
Output rise time (measured at 0.8 V to 2.0 V)
1.2
1.32
1.4
nS
tHL (Note 4)
Output fall time (measured at 2.0 V to 0.8 V)
0.8
0.9
1.0
nS
tJC
Jitter (cycle to cycle)
360
pS
TD
Output duty cycle
45
50
55
%
4. tLH and tHL are measured into a capacitive load of 15 pF.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com