Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF02HCLP01A Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02HCLP01A
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02HCLP01A Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button DF02HCLP01A Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP01A Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
9/11
[Plug Combinations and Part Numbers]
Specification
Part Number
No. of
Contacts
Lock Structure
Type
Connection
Applicable
Cable
Total Cable
Dia.
Plug
Hood
Clamp Plate
Applicable Processed
Outer Dia.
(For reference)
14
Lock Spring
Straight
IDC
AWG 28
φ6.5 ~ 8.0
DF02P014G28A1
DF02C014A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
14
Lock Spring
Straight
IDC
AWG 30
φ6.5 ~ 8.0
DF02P014G30A1
DF02C014A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
14
Lock Spring
Straight
Soldering AWG22 ~ 30
φ6.5 ~ 9.0
DF02C014A11
DF02D014A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
20
Lock Spring
Straight
IDC
AWG 28
φ6.5 ~ 9.0
DF02P020G28A1
DF02D020A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
20
Lock Spring
Straight
Soldering AWG22 ~ 30
φ6.5 ~ 9.0
DF02P020F22A1
DF02D020A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
26
Lock Spring
Straight
IDC
AWG 28
φ6.5 ~ 8.0
DF02P026G28A1
DF02C026A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
26
Lock Spring
Straight
Soldering AWG22 ~ 30
φ6.5 ~ 9.0
DF02P026F22A1
DF02D026A11
DF02HCLP05A
φ6.5 ~ 7.0
DF02HCLP02A
φ7.0 ~ 7.5
DF02HCLP01A
φ7.5 ~ 8.0
DF02HCLP10A
φ8.5 ~ 9.0
26
Lock Spring
Straight
Soldering AWG22 ~ 30 For thick cable
DF02P026F22A1
DF02D026A21
Please contact us.
36
Lock Spring
Straight
IDC
AWG 28
φ6.0 ~ 8.5
DF02P036G28A1
DF02C036A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
36
Lock Spring
Angle
Soldering AWG22 ~ 30 φ6.0 ~ 10.5
DF02P036F22A1
DF02F036A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.5 ~ 9.0
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
36
Screw Lock
Straight
Soldering AWG22 ~ 30
φ5.5 ~ 8.0
DF02P036F22A1
DF02D036B11
DF02HCLP04B
φ5.5 ~ 6.0
DF02HCLP12B
φ7.0 ~ 7.5
DF02HCLP06B
φ7.5 ~ 8.0
36
Lock Spring
Straight
Soldering AWG22 ~ 30 For thick cable
DF02P036F22A1
DF02F036A21
Please contact us.
50
Lock Spring
Straight
IDC
AWG 28
φ6.0 ~ 10.5
DF02P050G28A1
DF02C050A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
50
Lock Spring
Straight
IDC
AWG 30
φ6.0 ~ 10.5
DF02P050G30A1
DF02C050A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
50
Lock Spring
Straight
Soldering AWG22 ~ 30 φ6.0 ~ 10.5
DF02P050F22A1
DF02D050A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5
50
Lock Spring
Straight
Soldering AWG22 ~ 30 For thick cable
DF02P050F22A1
DF02D050A21
Please contact us.
68
Lock Spring
Straight
IDC
AWG 28
φ6.0 ~ 10.5
DF02P068G28A1
DF02C068A11
DF02HCLP04B
φ6.0 ~ 6.5
DF02HCLP12B
φ7.5 ~ 8.0
DF02HCLP06B
φ8.0 ~ 8.5
DF02HCLP07B
φ9.0 ~ 9.5
DF02HCLP08B
φ10.0 ~ 10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com