Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF02HCLP03B Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02HCLP03B
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02HCLP03B Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DF02HCLP03B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP03B Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0276-4
April 2015
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
1/11
DF02 Series
Outline
The DF02 Series is an interface connector compatible with the half-pitch
(1.27mm) which is used as a standard in the industrial instrument market.
The DF02 Series realizes light weight by using a resin-made hood and also
has sufficient measures against EMI shielding with Ni plating.
Furthermore, it has a superior operability by using a one-touch lock method.
<Application>
FA equipment, semiconductor manufacturing equipment, communication
devices, measuring instrument, broadcasting equipment, and others.
<Receptacle>
- Dual use specifications with one-touch lock and screw-lock.
- Structure that prevents short circuit by foreign substances by attaching a cover
to the terminals.
- Improved resistance against twisting with a hook integrated with the shell.
<Plug>
- Miniaturization, weight and cost saving realized by using resin for hood
material. Also it has sufficient measures against EMI shielding with Ni plating.
- Excellent workability with two-unit structure hood and superior reparability with
latch lock method.
- Available in IDC type (28AWG to 30AWG) for labor-saving in termination
works.
- Realizes to shorten working time with a structure that enables streamlining of
the harness assembly processes such as the screw fixing work.
Half-pitch (1.27mm) Interface Connector
Receptacle
Plug
RoHS Compliant
Features


Similar Part No. - DF02HCLP03B

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DF02HCLP03B JAE-DF02HCLP03B Datasheet
106Kb / 3P
Input/Output connector, EMI countermeasure, Half-pitch (1.27mm), Clamp plate, For 36, 50 pos., Applicable hood
More results

Similar Description - DF02HCLP03B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX1-144S-1.27DS HIROSE-FX1-144S-1.27DS Datasheet
336Kb / 8P
1.27mm Pitch Connector
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
1.27mm Pitch Stacking Connector
logo
SUYIN USA, INC.
127226MS SUYIN-USA-127226MS Datasheet
219Kb / 1P
1.27mm PITCH PCI CONNECTOR
logo
ISOCOM COMPONENTS
IS3H7 ISOCOM-IS3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
PC3H7 ISOCOM-PC3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
PS2801 ISOCOM-PS2801 Datasheet
1Mb / 10P
Half Pitch 1.27mm
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
Half Pitch 1.27mm
TLP281 ISOCOM-TLP281 Datasheet
1Mb / 10P
Half Pitch 1.27mm
EL3H7 ISOCOM-EL3H7 Datasheet
1Mb / 10P
Half Pitch 1.27mm
IS280 ISOCOM-IS280 Datasheet
637Kb / 10P
Half Pitch 1.27mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com