| Electronic Components Datasheet Search |
|
DDR4-FUNCTIONAL Datasheet(PDF) 5 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DDR4-FUNCTIONAL Datasheet(HTML) 5 Page - Keysight Technologies |
|
5 / 10 page ![]() 05 | Keysight | DDR4 Functional/Protocol Debug and Analysis Reference Solution - Solution Brochure DDR4 DIMM and SODIMM interposers are available through Keysight. Contact your Keysight representative to order the interposer for your system under test. Visit: www.keysight.com/find/contactus. FS2510AB DDR4 DIMM and FS2512 DDR4 SODIMM interposers offer: – Ease of connection – Direct connect to U4164A – Low profile - Minimal loading – Support of UDIMM or RDIMM – Timing and state analysis – Compatible with DDR setup assistant and DDR eye scan W4640 Series BGA probes www.keysight.com/find/w4641a www.keysight.com/find/w4643a The W4640A series DDR4 BGA interposers enable probing of embedded memory DRAM from the ball grid array with Keysight logic analyzers. The W4640A Series DDR4 BGA interposers are designed to take full advantage of quad sample state mode on U4164A modules with U4164A- 02G option, requiring only a single probe point for up to four samples at two different thresholds. U4208/09A probe/cable, 61-pin ZIF, 160-pin direct connect www.keysight.com/find/u4208a The U4208A/09A probe/cables have a 61-pin ZIF probe connector on one end of the cable and two 160-pin connectors that connect into the front panel of a U4164A logic analyzer module on the other end of the cable. The U4208A/09A are designed to connect from the left/right wings of the W4640A Series DDR4 BGA interposer directly into the U4164A logic analyzer. The U4164A logic analyzer will be in normal state mode for the address and command signal capture and in quad sample state mode for the data signal capture. Default configurations for the W4640A Series DDR4 BGA interposers and U4208A/09A probe/cables are included at no charge in the standard download package of the B4661A memory analysis software. For a more complete set of probing options, please refer to the DDR4 Functional/Protocol Debug and Analysis Reference Solution Configuration Guide, literature number 5992-1539EN and the Keysight Technologies Probing Solutions for Logic Analyzers Data Sheet, literature number 5968-4632E. Hardware – Probing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |