Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC931FDH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P89LPC931FDH
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC931FDH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P89LPC931FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC931FDH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
7 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P1.0 - P1.7
18, 17, 12,
11, 10, 6,
5, 4
I/O, I [1]
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except for
three pins as noted below. During reset Port 1 latches are configured in the input only
mode with the internal pull-up disabled. The operation of the configurable Port 1 pins
as inputs and outputs depends upon the port configuration selected. Each of the
configurable port pins are programmed independently. Refer to Section 8.11.1 “Port
configurations” and Table 7 “DC electrical characteristics” for details. P1.2 - P1.3 are
open drain when used as outputs. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
18
I/O
P1.0 — Port 1 bit 0.
O
TxD — Transmitter output for the serial port.
17
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for the serial port.
12
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain when used
as output).
I/O
SCL — I2C serial clock input/output.
11
I
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
10
I
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
6I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during Power-on or if selected via UCFG1. When
functioning as a reset input a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force In-System
Programming mode. When using an oscillator frequency above 12 MHz, the
reset input function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its specified level.
When system power is removed VDD will fall below the minimum specified
operating voltage. When using an oscillator frequency above 12 MHz, in some
applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.
5
I/O
P1.6 — Port 1 bit 6.
4
I/O
P1.7 — Port 1 bit 7.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com