Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3913A1T-E/SS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3913A1T-E/SS
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913A1T-E/SS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3913A1T-E/SS Datasheet HTML 3Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 4Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 5Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 6Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 7Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 8Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 9Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 10Page - Microchip Technology MCP3913A1T-E/SS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 7
MCP3913
TABLE 1-3:
SERIAL AC CHARACTERISTICS TABLE
Electrical Specifications:
Unless otherwise indicated, all parameters apply at DVDD = 2.7 to 3.6 V,
TA = -40°C to +125°C, GAIN = 1, CLOAD = 30 pF
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Serial Clock Frequency
fSCK
——
20
MHz
CS Setup Time
tCSS
25
—
—
ns
CS Hold Time
tCSH
50
—
—
ns
CS Disable Time
tCSD
50
—
—
ns
Data Setup Time
tSU
5—
—
ns
Data Hold Time
tHD
10
—
—
ns
Serial Clock High Time
tHI
20
—
—
ns
Serial Clock Low Time
tLO
20
—
—
ns
Serial Clock Delay Time
tCLD
50
—
—
ns
Serial Clock Enable Time
tCLE
50
—
—
ns
Output Valid from SCK Low
tDO
—
—
25
ns
Output Hold Time
tHO
0—
—
ns
Note 1
Output Disable Time
tDIS
—
—
25
ns
Note 1
Reset Pulse Width (RESET)
tMCLR
100
—
—
ns
Data Transfer Time to DR
(Data Ready)
tDODR
—
—
25
ns
Note 2
Modulator Mode Entry to
Modulator Data Present
tMODSU
——
100
ns
Data Ready Pulse Low Time
tDRP
—
1/(2 x DMCLK)
—
µs
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
This parameter is established by characterization and not production tested.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS TABLE
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = 2.7 to 3.6V, DVDD = 2.7 to 3.6V.
Parameters
Sym.
Min.
Typ.
Max.
Units.
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 28L SSOP
JA
—80
—
°C/W
Thermal Resistance, 40L 5x5 UQFN
JA
—41
—
°C/W
Note 1:
The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com