Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3913A1-E/MV Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3913A1-E/MV
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913A1-E/MV Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3913A1-E/MV Datasheet HTML 5Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 6Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 7Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 8Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 9Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 10Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 11Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 12Page - Microchip Technology MCP3913A1-E/MV Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 9
MCP3913
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, AVDD = 3V, DVDD = 3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0; CLKEXT = 1;
BOOST<1:0> = 10.
FIGURE 2-1:
Spectral Response.
FIGURE 2-2:
Spectral Response.
FIGURE 2-3:
Spectral Response.
FIGURE 2-4:
Spectral Response.
FIGURE 2-5:
Measurement Error
with 1-Point Calibration.
FIGURE 2-6:
Measurement Error
with 2-Point Calibration.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
Frequency (Hz)
V
IN = -0.5 dBFS @ 60 Hz
f
D = 3.9 ksps
OSR = 256
Ditering = Off
16 k
FFT
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
Frequency (Hz)
V
IN =-60 dBFS @60Hz
f
D = 3.9 ksps
OSR = 256
Ditering = Off
16 k
FFT
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
Frequency (Hz)
V
IN = -0.5 dBFS @ 60 Hz
f
D = 3.9 ksps
OSR = 256
Ditering = Maximum
16 ks
FFT
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
Frequency (Hz)
V
IN =-60 dBFS @60Hz
f
D = 3.9 ksps
OSR = 256
Ditering = Maximum
16 k
FFT
-1.0%
-0.5%
0.0%
0.5%
1.0%
0.01
0.1
1
10
100
1000
Current Channel Input Amplitude (mV
Peak)
% Error Channel 0,1
% Error Channel 2,3
% Error Channel 4,5
-1.0%
-0.5%
0.0%
0.5%
1.0%
0.01
0.1
1
10
100
1000
Current Channel Input Amplitude (mV
Peak)
% Error Channel 0,1
% Error Channel 2,3
% Error Channel 4,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com